Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 40 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 36Page - Texas Instruments CC2564MODACMOG Datasheet HTML 37Page - Texas Instruments CC2564MODACMOG Datasheet HTML 38Page - Texas Instruments CC2564MODACMOG Datasheet HTML 39Page - Texas Instruments CC2564MODACMOG Datasheet HTML 40Page - Texas Instruments CC2564MODACMOG Datasheet HTML 41Page - Texas Instruments CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
40
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Applications, Implementation, and Layout
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 6-12. Slow Clock Trace in TI Reference Design
6.2.1.6
Digital Interface Guidelines
6.2.1.6.1 UART
The CC2564MODx UART default baud rate is 115.2 kbps but can run up to 4 Mbps. TI recommends
separating these lines from the DC supply lines, RF lines, and sensitive clock lines and circuitry. To
improve the return path and isolation, run the lines with ground on the adjacent layer when possible.
6.2.1.6.2 PCM
The digital audio lines (pulse-code modulation [PCM]) are high-speed digital lines in which the four wires
(AUD_CLK, AUD_FSYNC, AUD_IN, and AUD_OUT) must be roughly the same length. TI recommends
running these lines as a bus interface (see Figure 6-13). These lines are high-speed digital and must be
separated from DC supply lines, RF lines, and sensitive clock lines and circuitry. Run the lines with ground
on the adjacent layer to improve the return path and isolation.
Figure 6-13. Running the Digital Audio Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com