Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 29
5.2
Ports Description
This section describes the functionality of each input / output port.
5.2.1
VDDIO
VDDIO is an independent IO supply rail input to DA9213, DA9214, and DA9215 that can be assigned to the
power manager interface and to the GPIOs (see control PM_IF_V and GPI_V). The rail assignment determines
the IO voltage levels and logical thresholds (see also the Digital I/O Characteristics in Table 8).
An integrated under-voltage lockout circuit for the VDDIO prevents internal errors by disabling the I2C
communication when the voltage drops below VULO_IO. In that case the buck converters are also disabled and
cannot be re-enabled (even via input port) until the VDDIO under-voltage condition has been resolved. At the
exit of the VDDIO under-voltage condition an event E_UVLO_IO is generated and the nIRQ line is driven active
if the event is not masked.
The VDDIO under-voltage circuit monitors voltages relative to a nominal voltage of 1.8 V. If a different rail
voltage is being used, the under-voltage circuit can be disabled via UVLO_IO_DIS.
Note that the maximum speed at 4-WIRE interface is only available if the selected supply rail is greater than
1.6 V.
5.2.2
IC_EN
IC_EN is a general enable signal for DA9213, DA9214, and DA9215, turning on and off the internal circuitry (for
example, the reference, the digital core, and so on.). Correct control of this port has a direct impact on the
quiescent current of the whole application. A low level of IC_EN allows the device to reach the minimum
quiescent current. The voltage at this pin is continuously sensed by a dedicated analog circuit.
The host processor will be allowed to start the communication with DA9213, DA9214, and DA9215 through the
Control Interface and, for example to turn on the buck converters, a delay time of tEN after assertion of the IC_EN
pin. If the bucks are enabled via OTP (see BUCKA_EN and BUCKB_EN controls), they will start up
automatically after assertion of IC_EN.
The IC_EN activation threshold is defined with a built-in hysteresis to avoid glitching transitions that take place
with unstable rising or falling edges.
5.2.3
nIRQ
The nIRQ port indicates that an interrupt causing event has occurred and that the event/status information is
available in the related registers. The nIRQ is an output signal that can either be push pull or open drain
(selected via IRQ_TYPE). If an active high IRQ signal is required, it can be achieved by asserting control
IRQ_LEVEL (recommended for push-pull mode).
Examples of this type of information can be critical temperature and voltage, fault conditions, status changes at
GPI ports, and so forth. The event registers hold information about the events that have occurred. Events are
triggered by a status change at the monitored signals. When an event bit is set, the nIRQ signal is asserted
unless this interrupt is masked by a bit in the IRQ mask register. The nIRQ will not be released until all event
registers with asserted bits have been read and cleared. New events that occur during reading an event register
are held until the event register has been cleared, ensuring that the host processor does not miss them.
5.2.4
GPIO Extender
DA9213, DA9214, and DA9215 include a GPIO extender that offers up to five 5 V-tolerant general purpose
input/output ports. Each port is controlled via registers from the host processor.
The GPIO3 and GPI4 ports are pin-shared with the 4-WIRE Control Interface. For instance, if GPIO3_PIN = 01,
GPI4_PIN = 01 (Interface selected), the GPIO3 and GPI4 ports will be exclusively dedicated to output and chip
select signaling for 4-WIRE purposes. If the alternative function is selected, all GPIOs configuration as per
registers 0x58 to 0x5A and 0x145 will be ignored.
GPIs are supplied from the internal rail VDDCORE or VDDIO (selected via GPI_V) and can be configured to be
active high or active low (selected via GPIOx_TYPE). The input signals can be debounced or directly change the
state of the assigned status register GPIx to high or low, according to the setting of GPIOx_MODE. The
debouncing time is configurable via control DEBOUNCE (10 ms default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com