Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 10Page - Renesas Technology Corp DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 14
Parameter
Description
Conditions
Min
Typ
Max
Unit
IO = 0 to 5 A, tR = 500 ns
PWM 3-phase
VBUCK = 1 V
DA9215 Buck B
IO = 0 to 2.5 A,
tR = 200 ns
PWM, 2 x 47 µF
VBUCK = 1 V
±2.5
%
VTR_LINE
Line regulation transient
voltage
VDD = 3.0 to 3.6 V
dt =10 µs
IO = IO(MAX)/2
15
mV
IO_MAX
Maximum output current
Per phase
5000
mA
ILIM_MIN
Minimum current limit
per phase (programmable)
BUCKA_ILIM = 0000
BUCKB_ILIM = 0000
Note 3
-20%
4000
20%
mA
ILIM_MAX
Maximum current limit
per phase (programmable)
BUCKA_ILIM = 1111
BUCKB_ILIM = 1111
Note 3
-20%
7000
20%
mA
IQ_PWM
Quiescent current
at synchronous rectification
mode
Per phase
No load
VDD = 3.7 V
17
mA
fSW
Switching frequency
3
MHz
tSTUP
Start-up time
VOUT = 1.0 V
BUCKA_UP_CTRL = 100
BUCKB_UP_CTRL = 100
50
Note 4
µs
RO_PD
Output pull-down resistance
For each phase at the LX
node at 0.5 V,
(see BUCKx_PD_DIS)
150
200
Ω
RON_PMOS
PMOS on-resistance
66 WL-CSP
incl. pin and routing
VDD = 3.7 V
per phase
26
mΩ
66 VFBGA
incl. pin and routing
VDD = 3.7 V
per phase
27
mΩ
RON_NMOS
NMOS on-resistance
66 WL-CSP
incl. pin and routing
VDD = 3.7 V
per phase
18
mΩ
66 VFBGA
incl. pin and routing
VDD = 3.7 V
per phase
19
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com