Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 18
Parameter
Description
Conditions
Min
Typ
Max
Unit
tSU_D
Data set-up time
50
ns
tH_D
Data hold time
0
ns
High Speed Mode
fSCL_HS
Clock frequency
At pin SCL
0
Note 1
3400
kHz
tSU_STA_HS
START condition set-up time
160
ns
tH_STA_HS
START condition hold time
160
ns
tW_CL_HS
Clock LOW duration
160
ns
tW_CH_HS
Clock HIGH duration
60
ns
tR_HS
Rise time
Input requirement. At
pin CLK and DATA
160
ns
tF_HS
Fall time
Input requirement. At
pin CLK and DATA
160
ns
tSU_D_HS
Data set-up time
10
ns
tH_D_HS
Data hold time
0
ns
tSU_STO_HS
STOP condition set-up time
160
ns
Note 1
Minimum clock frequency is 10 kHz if 2WIRE_TO is enabled
Figure 6. 2-WIRE Bus Timing
Unless otherwise noted, the following is valid for TA = -40 °C to +85 ºC
Table 10. 4-WIRE Control Bus Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
CB
Bus line capacitive load
100
pF
tC
Cycle time
1
70
ns
tSU_CS
Chip select setup time
2, from CS active to first SK
edge
20
ns
tH_CS
Chip select hold time
3, from last SK edge to CS
idle
20
ns
tW_CL
Clock LOW duration
4
0.4 x tC
ns
tW_CH
Clock HIGH duration
5
0.4 x tC
ns
tSU_SI
Data input setup time
6
10
ns
tH_SI
Data input hold time
7
10
ns
tV_SO
Data output valid time
8
22
ns
tH_SO
Data output hold time
9
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com