Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 41Page - Renesas Technology Corp DA9213 Datasheet HTML 42Page - Renesas Technology Corp DA9213 Datasheet HTML 43Page - Renesas Technology Corp DA9213 Datasheet HTML 44Page - Renesas Technology Corp DA9213 Datasheet HTML 45Page - Renesas Technology Corp DA9213 Datasheet HTML 46Page - Renesas Technology Corp DA9213 Datasheet HTML 47Page - Renesas Technology Corp DA9213 Datasheet HTML 48Page - Renesas Technology Corp DA9213 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 45
register. The IRQ triggering event register will be cleared from the host by writing back its read value.
New events occurring during clearing will be delayed before they are passed to the event register, ensuring that
the host controller does not miss them.
Register
Bit
Type
Label
Description
0x52
EVENT_A
7
R
(reserved)
6
R
E_UVLO_IO
UVLO_IO caused event
5
R
(reserved)
4
R
E_GPI4
GPI4 event according to active state setting
3
R
E_GPI3
GPI3 event according to active state setting
2
R
E_GPI2
GPI2 event according to active state setting
1
R
E_GPI1
GPI1 event according to active state setting
0
R
E_GPI0
GPI0 event according to active state setting
Register
Bit
Type
Label
Description
0x53
EVENT_B
7:6
R
(reserved)
5
R
E_OV_CURR_B
OV_CURR Buck B caused event
4
R
E_OV_CURR_A
OV_CURR Buck A caused event
3
R
E_TEMP_CRIT
TEMP_CRIT caused event
2
R
E_TEMP_WARN
TEMP_WARN caused event
1
R
E_PWRGOOD_B
PWRGOOD loss at Buck B caused event
0
R
E_PWRGOOD_A
PWRGOOD loss at Buck A caused event
Register
Bit
Type
Label
Description
0x54
MASK_A
7
R/W
(reserved)
6
R/W
M_UVLO_IO
Mask UVLO_IO caused nIRQ
5
R/W
(reserved)
4
R/W
M_GPI4
Mask nIRQ interrupt at GPI4
3
R/W
M_GPI3
Mask nIRQ interrupt at GPI3
2
R/W
M_GPI2
Mask nIRQ interrupt at GPI2
1
R/W
M_GPI1
Mask nIRQ interrupt at GPI1
0
R/W
M_GPI0
Mask nIRQ interrupt at GPI0
Register
Bit
Type
Label
Description
0x55
MASK_B
7:6
R/W
(reserved)
5
R/W
M_OV_CURR_B
Mask OV_CURR Buck B caused nIRQ and event
4
R/W
M_OV_CURR_A
Mask OV_CURR Buck A caused nIRQ and event
3
R/W
M_TEMP_CRIT
Mask TEMP_CRIT caused nIRQ
2
R/W
M_TEMP_WARN
Mask TEMP_WARN caused nIRQ
1
R/W
M_PWRGOOD_B
Mask PWRGOOD Buck B caused nIRQ
0
R/W
M_PWRGOOD_A
Mask PWRGOOD Buck A caused nIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com