Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 30
Whenever the status has changed to its configured active state (edge sensitive), the assigned event register is
set and the nIRQ signal is asserted (unless this nIRQ is masked, see also Figure 20).
Whenever DA9213, DA9214, and DA9215 is enabled and enters ON mode (also when enabled changing the
setting of GPIOx_PIN) the GPI status bits are initiated towards their configured passive state. This ensures that
already active signals are detected, and that they create an event immediately after the GPI comparators are
enabled.
The buck enable signal (BUCKx_EN) can be controlled directly via a GPI, if so configured in the BUCKA_GPI
and BUCKB_GPI registers. If it is required that GPI ports do not generate an event when configured for the HW
control of the switching regulator, the relative mask bit should be set.
GPIs can alternatively be selected to toggle the VBUCKA_SEL and VBUCKB_SEL from rising and falling edges
at these inputs. Apart from changing the regulator output voltage this also provides hardware control of the
regulator mode (normal/low power mode) from the settings of BUCKA_SL_A, BUCKA_SL_B, BUCKB_SL_A,
and BUCKB_SL_B (enabled if BUCKA_MODE or BUCKB_MODE = 00).
All GPI ports have the additional option of activating a 100 kΩ pull-down resistor via GPIOx_PUPD, which
ensures a well-defined level in case the input is not actively driven.
If enabled via ADDR_SEL_CONF, the I2C address selection can be assigned to a specific GPI. An active voltage
level at the selected GPI configures the slave address of DA9213, DA9214, and DA9215 to IF_BASE_ADDR1
while a passive voltage level configures the slave address to IF_BASE_ADDR2. If no GPI is selected then the
IF_BASE_ADDR1 is automatically used.
If defined as an output, GPIOs can be configured to be open-drain or push-pull. If configured as push pull, the
supply rail is VDDIO. By disabling the internal 120 kΩ pull-up resistor in open-drain mode, the GPO can also be
supplied from an external rail. The output state will be assigned as configured by the GPIO register bit
GPIOx_MODE.
A specific power good port for each of the buck converters can be configured via BUCKA_PG_SEL and
BUCKB_PG_SEL. The respective port must be configured as GPO for correct operation. If assigned to the same
GPO, it is necessary that the power good indicators for Buck A and Buck B are both active (supply voltages in
range) to assert the overall power good. The signal will be released as soon as one of the single power good
signals is not active (that is, at least one supply is out of range).
The power good signaling should not be used in conjunction with fast start up rates, configured in
BUCKx_UP_CTRL register fields.
Once enabled via RELOAD_FUNC_EN the GPIO0 can be used as input port to operate a partial OTP download.
When the input level is changed to active, the registers 0x5D, 0x5E, 0xD1 to 0xDA are updated to their OTP
default. This allows a complete buck re-configuration that resets all the changes done to those registers
previously (soft reset). If the buck should be kept on during the soft reset, the OTP values for the enable bits
should be asserted because they are also part of the re-load.
Whenever the GPIO unit is off (POR or OFF Mode) all ports are configured as open drain active high (pass
device switched off, high impedance state). When leaving POR the pull-up or pull-down resistors will be
configured from register GPIOx_PUPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com