Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 24
Figure 17. Typical Application of DA9215
Figure 17 shows a typical use case of DA9215 for the simultaneous supply of a CPU and a GPU rail. The IC is
always enabled because IC_EN is shorted to the battery voltage. The CORE application processor enables and
disables the CPU/GPU and the DDR individually via dedicated ports on DA9215.
Table 11. Buck Allocations for each Phase per Device
Device
Phase A1
Phase A2
Phase B1
Phase B2
DA9213
BuckA
BuckA
BuckA
BuckA
DA9214
BuckA
BuckA
BuckB
BuckB
DA9215
BuckA
BuckA
BuckB
BuckA
Table 11 shows how the phases of the device are used for different device configurations. It should be noted in
particular that the third phase of DA9215 BuckA is phase B2. Phase B1 is used for the single phase BuckB.
5.1
DC_DC Buck Converter
DA9213 is a four-phase 20 A high efficiency synchronous step-down DVC regulator, operating at a high
frequency of typically 3 MHz. It supplies an output voltage of typically 1.0 V for a CPU rail, configurable in the
range 0.3 V to 1.57 V, with high accuracy in steps of 10 mV.
DA9214 contains two buck converters, Buck A and Buck B, each capable of delivering 10 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com