Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 54Page - Renesas Technology Corp DA9213 Datasheet HTML 55Page - Renesas Technology Corp DA9213 Datasheet HTML 56Page - Renesas Technology Corp DA9213 Datasheet HTML 57Page - Renesas Technology Corp DA9213 Datasheet HTML 58Page - Renesas Technology Corp DA9213 Datasheet HTML 59Page - Renesas Technology Corp DA9213 Datasheet HTML 60Page - Renesas Technology Corp DA9213 Datasheet HTML 61Page - Renesas Technology Corp DA9213 Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 59
Figure 33. DA9213/14/15 66 VFBGA Package Outline Drawing
8.1
Package Marking
Figure 34. Package Marking
A1 Corner >
Format
1st
Orientation
2nd
Logo
3rd
D
A
9
2
1
3
Part No.
4th
x
x
v
v
-
A
T
OTP/Silicon Version/Option
5th
y
y
w
w
z
z
z
z
Date Code
-A and -AT optionally indicate the Automotive and Automotive high temp test options.
xx identifies the OTP Variant, vv may be used to show the silicon version.
Package Marking
Marking Content
●
Date Code Format: yy = Year, ww = Week, zzzz = Traceability
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com