Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp DA9213 Datasheet HTML 37Page - Renesas Technology Corp DA9213 Datasheet HTML 38Page - Renesas Technology Corp DA9213 Datasheet HTML 39Page - Renesas Technology Corp DA9213 Datasheet HTML 40Page - Renesas Technology Corp DA9213 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 37
A two-byte serial protocol is used containing one byte for address and one byte data. Data and address transfer
are transmitted MSB first for both read and write operations. All transmissions begin with the START condition
from the master while the bus is in IDLE state (the bus is free). It is initiated by a high to low transition on the
SDA line while the SCL is in the high state (a STOP condition is indicated by a low to high transition on the SDA
line while the SCL is in the high state).
SCL
SDA
Figure 26. Timing of 2-WIRE START and STOP Condition
The 2-WIRE bus is monitored by DA9213, DA9214, and DA9215 for a valid SLAVE address whenever the
interface is enabled. It responds immediately when it receives its own slave address. The acknowledge is done
by pulling the SDA line low during the following clock cycle (white blocks marked with A in Figure 27 to
Figure 31).
The protocol for a register write from master to slave consists of a start condition, a slave address with read/write
bit and the 8-bit register address followed by eight bits of data terminated by a STOP condition. DA9213,
DA9214, and DA9215 respond to all bytes with Acknowledge. This is illustrated in Figure 27.
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 27. 2-WIRE Byte Write (SDA Line)
When the host reads data from a register it first has to write to DA9213, DA9214, and DA9215 with the target
register address and then read from DA9213, DA9214, and DA9215 with a Repeated START or alternatively a
second START condition. After receiving the data, the host sends No Acknowledge and terminates the
transmission with a STOP condition. This is illustrated in Figure 28.
S
SLAVEadr W
A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEadr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S
SLAVEadr W
A
REGadr
P
7-bits
1-bit
8-bits
A
Figure 28. Examples of 2-WIRE Byte Read (SDA Line)
Consecutive (page) read out mode is initiated from the master by sending an Acknowledge instead of Not
acknowledge after receipt of the data word. The 2-WIRE control block then increments the address pointer to the
next 2-WIRE address and sends the data to the master. This enables an unlimited read of data bytes until the
master sends a Not acknowledge directly after the receipt of data, followed by a subsequent STOP condition. If a
non-existent 2-WIRE address is read out, the DA9213, DA9214, and DA9215 will return code zero. This is
illustrated in Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com