Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 20
4.
Typical Performance Graphs
Note: 66 WL-CSP, phase shedding is enabled.
Figure 8. 2 Phase Auto-Mode, 0 A to 10 A
Figure 9. 2 Phase Auto-Mode, 0 A to 10 A
Figure 10. 4 Phase Auto-Mode, 0 A to 20 A (Linear)
Figure 11. 4 Phase Auto-Mode, 0 A to 20 A (Logarithmic)
Figure 12. 4 Phase Auto-Mode, 0 A to 20 A
Figure 13. 1, 2, 3, and 4 Phase Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com