Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 51Page - Renesas Technology Corp DA9213 Datasheet HTML 52Page - Renesas Technology Corp DA9213 Datasheet HTML 53Page - Renesas Technology Corp DA9213 Datasheet HTML 54Page - Renesas Technology Corp DA9213 Datasheet HTML 55Page - Renesas Technology Corp DA9213 Datasheet HTML 56Page - Renesas Technology Corp DA9213 Datasheet HTML 57Page - Renesas Technology Corp DA9213 Datasheet HTML 58Page - Renesas Technology Corp DA9213 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 55
Register
Bit
Type
Label
Description
2
R/W
(reserved)
1
R/W
IRQ_TYPE
nIRQ output port is:
0: Push-pull
1: Open drain (requires external pull-up resistor)
0
R/W
IRQ_LEVEL
nIRQ output port is:
0: Active low
1: Active high
Register
Bit
Type
Label
Description
0x144
CONFIG_B
7
R/W
UVLO_IO_DIS
Disable the UVLO for the VDDIO rail and its
comparator (suggested for rail voltages different to
1.8 V and to save quiescent current)
6
R/W
PGB_DVC_MASK
Power-good configuration for Buck B
0: Power-good signal not masked during DVC
transitions
1: Power-good signal masked during DVC
transitions (keep previous status)
5
R/W
PGA_DVC_MASK
Power-good configuration for Buck A
0: Power-good signal not masked during DVC
transitions
1: Power-good signal masked during DVC
transitions (keep previous status)
4:3
R/W
OCB_MASK
Over Current configuration for Buck B
00: Event generation due to over current hit is
always active during DVC transitions of the Buck
converter
01: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 2 µs
extra masking at the end
10: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 10 µs
extra masking at the end
11: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 50 µs
extra masking at the end
2:1
R/W
OCA_MASK
Over Current configuration for Buck A
00: Event generation due to over current hit is
always active during DVC transitions of the buck
converter
01: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 2 µs
extra masking at the end
10: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 10 µs
extra masking at the end
11: Event generation due to over current hit is masked
during DVC transitions of the buck converter + 50 µs
extra masking at the end
0
R/W
RELOAD_FUNC_EN
Enable the OTP re-load function for GPIO0 when
configured as input port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com