Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 39Page - Renesas Technology Corp DA9213 Datasheet HTML 40Page - Renesas Technology Corp DA9213 Datasheet HTML 41Page - Renesas Technology Corp DA9213 Datasheet HTML 42Page - Renesas Technology Corp DA9213 Datasheet HTML 43Page - Renesas Technology Corp DA9213 Datasheet HTML 44Page - Renesas Technology Corp DA9213 Datasheet HTML 45Page - Renesas Technology Corp DA9213 Datasheet HTML 46Page - Renesas Technology Corp DA9213 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 43
Addr
Function
7
6
5
4
3
2
1
0
0×D3
BUCK_CONF
Reserved
Reserved
Reserved
PH_SH_EN_B
PH_SH_EN_A
PHASE_SEL_B
PHASE_SEL_A
0×D4
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×D5
VBUCKA_MAX
Reserved
VBUCKA_MAX
0×D6
VBUCKB_MAX
Reserved
VBUCKB_MAX
0×D7
VBUCKA_A
BUCKA_SL_A
VBUCKA_A
0×D8
VBUCKA_B
BUCKA_SL_B
VBUCKA_B
0×D9
VBUCKB_A
BUCKB_SL_A
VBUCKB_A
0×DA
VBUCKB_B
BUCKB_SL_B
VBUCKB_B
Register Page 2
0×100
PAGE_CON
REVERT
WRITE_MODE
Reserved
Reserved
Reserved
REG_PAGE
0×101
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×102
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×103
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×104
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×105
INTERFACE
IF_BASE_ADDR1
R/W_POL
CPHA
CPOL
nCS_POL
0×106
INTERFACE2
IF_TYPE
PM_IF_HSM
PM_IF_FMP
PM_IF_V
Reserved
Reserved
Reserved
Reserved
0×140
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0×141
Reserved
Reserved
0×142
Reserved
Reserved
0×143
CONFIG_A
Reserved
Reserved
Reserved
2WIRE_TO
GPI_V
Reserved
IRQ_TYPE
IRQ_LEVEL
0×144
CONFIG_B
UVLO_IO_DIS
PGB_DVC_MASK
PGA_DVC_MASK
OCB_MASK
OCA_MASK
RELOAD_FUNC_EN
0×145
CONFIG_C
Reserved
Reserved
Reserved
GPI4_PUPD
GPIO3_PUPD
GPIO2_PUPD
GPI1_PUPD
GPIO_PUPD
0×146
CONFIG_D
BUCKB_PG_SEL
BUCKA_PG_SEL
READYB_CONF
READYA_CONF
0×147
CONFIG_E
STAND_ALONE
Reserved
Reserved
Reserved
Reserved
OSC_TUNE
0×148
CONFIG_F
IF_BASE_ADDR2
Reserved
Reserved
ADDR_SEL_CONF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com