Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 22
Figure 15. Typical Application of DA9213
Figure 15 shows a typical use case of DA9213 for the supply of CPU, GPU, or DDR rails. The IC is enabled and
disabled by the main PMIC via IC_EN port as part of its sequencer. Once the IC is enabled, the CORE
application processor enables the buck converter with the EN1 signal and manages the output voltage selection
with the VSEL signal.
The VSEL signal can be shared between the main PMIC and the DA9213. Three GPI/GPIOs embedded in
DA9213 are used in this case:
▪ GPIO2 signals the insertion of an external charger in the application (through interrupt to the host processor)
▪ GPIO3 indicates a power good condition, either to proceed with the power up sequence or to enable an
external supply connected to the port
▪ GPI4 is used for the I2C interface address hardware selection
VDD_A1
VSYS
VSS_ANA
VIN
LX_A1
FBAP
FBAN
Power Good (GPIO3)
DA9213
CPU /
GPU /
DDR
CORE
EN (GPI0)
VSEL (GPI1)
nIRQ
SCL
SDA
VDDIO
Ext Supply
DA9063
(PMIC)
SENSE+
SENSE-
VDDIO
I2C_ADDR_SEL (GPI4)
LP_MODE
IC_EN
GPIO9 (seq)
VDD_A2
VDD_B1
VDD_B2
LX_A2
LX_B1
LX_B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com