Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 16
Table 7. IC Performance and Supervision
Parameter
Description
Conditions
Min
Typ
Max
Unit
IDD_OFF
Off state supply current
IC_EN = 0
TA = 27 °C
0.1
1
µA
IDD_ON
On state supply current
IC_EN = 1
Buck A/B off
TA = 27 °C
14
µA
VTH_PG
Power good threshold
voltage
Referred to VBUCK
-50
mV
VHYS_PG
Power good hysteresis
voltage
50
mV
VTH_UVLO_VDD
Under-voltage lockout
threshold at VDD
66 WL-CSP
2.0
V
Under-voltage lockout
threshold at VDD
66 VFBGA
BUCK_EN = 0
2.0
V
66 VFBGA
BUCK_EN = 1
2.55
V
VTH_UVLO_IO
Under-voltage lockout
threshold at VDDIO
1.35
1.45
1.55
V
VHYS_UVLO_IO
Under-voltage lockout
hysteresis at VDDIO
70
mV
TTH_WARN
Thermal warning threshold
temperature
110
125
140
°C
TTH_CRIT
Thermal critical threshold
temperature
125
140
155
ºC
TTH_POR
Thermal power on reset
threshold temperature
135
150
165
°C
fOSC
Internal oscillator frequency
-7%
6.0
+7%
MHz
Unless otherwise noted, the following is valid for TA = -40 ºC to +85 ºC
Table 8. Digital I/O Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIH_EN
HIGH level input voltage
At pin IC_EN
1.1
V
VIL_EN
LOW level input voltage
At pin IC_EN
0.35
V
tEN
Enable time
I/F operating
750
µs
RO_PU_GPO
Pull up resistor at GPO
VDDIO = 1.8 V
VGPO = 0 V
100
kΩ
RI_PD_GPI
Pull down resistor at GPI
VDDIO = 1.8 V
VGPO = 0 V
150
kΩ
VIH
GPI0-4, SCL, SDA,
(2-WIRE mode)
HIGH level input voltage
VDDCORE mode
VDDIO mode
1.75
0.7 * VDDIO
V
VIL
GPI0-4, SCL, SDA,
(2-WIRE mode)
LOW level input voltage
VDDCORE mode
VDDIO mode
0.75
0.3 * VDDIO
V
VIH_4WIRE
SK, nCS, SI
0.7* VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com