Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 42Page - Renesas Technology Corp DA9213 Datasheet HTML 43Page - Renesas Technology Corp DA9213 Datasheet HTML 44Page - Renesas Technology Corp DA9213 Datasheet HTML 45Page - Renesas Technology Corp DA9213 Datasheet HTML 46Page - Renesas Technology Corp DA9213 Datasheet HTML 47Page - Renesas Technology Corp DA9213 Datasheet HTML 48Page - Renesas Technology Corp DA9213 Datasheet HTML 49Page - Renesas Technology Corp DA9213 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 46
Register
Bit
Type
Label
Description
0x56
CONTROL_A
7
R/W
V_LOCK
0: Allows host writes into registers 0xD0 to 0x14F
1: Disables register 0xD0 to 0x14F re-programming from
control interfaces
6:5
R/W
SLEW_RATE_B
Buck B DVC slewing is executed at
00: 10 mV every 4.0 µs
01: 10 mV every 2.0 µs
10: 10 mV every 1.0 µs
11: 10 mV every 0.5 µs
4:3
R/W
SLEW_RATE_A
Buck A DVC slewing is executed at
00: 10 mV every 4.0 µs
01: 10 mV every 2.0 µs
10: 10 mV every 1.0 µs
11: 10 mV every 0.5 µs
0:2
R/W
DEBOUNCE
Input signals debounce time:
000: no debounce time
001: 0.1 ms
010: 1.0 ms
011: 10 ms
100: 50 ms
101: 250 ms
110: 500 ms
111: 1000 ms
7.1.2.2
GPIO Control
Register
Bit
Type
Label
Description
0x58
GPI0-1
7
R/W
GPI1_MODE
0: GPI: debouncing off
1: GPI: debouncing on
6
R/W
GPI1_TYPE
0: GPI: active low
1: GPI: active high
5:4
R/W
GPI1_PIN
PIN assigned to:
00: GPI
>00: Reserved
3
R/W
GPI0_MODE
0: GPI: debouncing off
1: GPI: debouncing on
2
R/W
GPI0_TYPE
0: GPI: active low
1: GPI: active high
1:0
R/W
GPI0_PIN
PIN assigned to:
00: GPI
01: Track enable
1x: Reserved
Register
Bit
Type
Label
Description
0x59
GPIO2-3
7
R/W
GPIO3_MODE
0: GPI: debouncing off
GPO: Sets output to passive level
1: GPI: debouncing on
GPO: Sets output to active level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com