Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 32
5.3
Operating Modes
5.3.1
ON Mode
DA9213, DA9214, and DA9215 are in ON Mode when the IC_EN port is higher than EN_ON and the supply
voltage is higher than VTH(UVLO)(VDD). Once enabled, the host processor can start the communication with
DA9213, DA9214, and DA9215 via Control Interface after the tEN delay needed for internal circuit start up.
If BUCKA_EN or BUCKB_EN is asserted when DA9213, DA9214, and DA9215 is in ON Mode the power up of
the related buck converter is initiated. If the bucks are controlled via GPI, the level of the controlling ports is
checked when entering ON mode, so that an active level will immediately have effect on the buck. If BUCKA_EN
or BUCKB_EN are not asserted and all controlling GPI ports are inactive, the buck converter will stay off with the
output pull down resistor enabled/disabled according to the setting of BUCKA_PD_DIS and BUCKB_PD_DIS.
5.3.2
OFF Mode
DA9213, DA9214, and DA9215 are in OFF Mode when the IC_EN port is lower than EN_OFF. In OFF Mode, the
bucks are always disabled and the output pull down resistors are disabled independently of BUCKA_PD_DIS
and BUCKB_PD_DIS. All I/O ports of DA9213, DA9214, and DA9215 are configured as high impedance.
5.4
Control Interfaces
All the features of DA9213, DA9214, and DA9215 can be controlled by SW through a serial control interfaces.
The communication is selectable to be either a 2-WIRE (I2C compliant) or a 4-WIRE connection (SPI compliant)
via control IF_TYPE, which will be selected during the initial OTP read. If 4-WIRE is selected, the GPIO3 and
GPI4 are automatically configured as interface pins. Data is shifted into or out of DA9213, DA9214, and DA9215
under the control of the host processor, which also provides the serial clock. In a normal application case, the
interface is only configured once from OTP values, which are loaded during the initial start-up of DA9213,
DA9214, and DA9215.
DA9213, DA9214, and DA9215 reacts only on read/write commands where the transmitted register address
(using the actual page bits as a MSB address range extensions) is within 0x50 to 0x67, 0xD0 to DF, 0x140 to
0x14F and (read only) 0x200 to 0x27F. Host access to registers outside these ranges will be ignored. This
means there will be no acknowledge after receiving the register address in 2-WIRE Mode, and SO stays HI-Z in
4-WIRE Mode. During debug and production modes write access is available to page 4 (0x200 to 0x27F).
DA9213, DA9214, and DA9215 will react only on write commands where the transmitted register address is
0x00, 0x80, 0x100 to0x106. The host processor must read the content of those registers before writing, thereby
changing only the bit fields that are not marked as reserved (the content of the read back comes from the
compatible PMIC, for example DA9063).
If the STAND_ALONE bit is asserted (OTP bit), DA9213, DA9214, and DA9215 will also react to read
commands.
5.4.1
4-WIRE Communication
In 4-WIRE Mode the interface uses a chip-select line (nCS/nSS), a clock line (SK), data input (SI) and data
output line (SO).
The DA9213, DA9214, and DA9215 register map is split into four pages that each contain up to 128 registers.
The register at address zero on each page is used as a page control register. The default active page after turn
on includes registers 0x50 to 0x6F. Writing to the page control register changes the active page for all
subsequent read/write operations unless an automatic return to page 0 was selected by asserting bit REVERT.
Unless the REVERT bit was asserted after modifying the active page, it is recommended to read back the page
control register to ensure that future data exchange is accessing the intended registers.
All registers outside the DA9213, DA9214, and DA9215 range are write only, that is, the DA9213, DA9214, and
DA9215 will not answer to a read command and the data bus is tristate (they are implicitly directed to DA9063).
In particular the information contained in registers 0x105 and 0x106 is used by DA9213, DA9214, and DA9215
to configure the control interface. They must be the same as the main PMIC (DA9063), so that a write to those
registers configures both the main PMIC and DA9213, DA9214, and DA9215 at the same time. The default OTP
settings also need to be identical for a correct operation of the system.
The 4-WIRE interface features a half-duplex operation, that is, data can be transmitted and received within a
single 16-bit frame at enhanced clock speed (up to 14 MHz). It operates at the clock frequencies provided by the
host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com