Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 26
5.1.2
Operation Modes and Phase Selection
The buck converters can operate in synchronous PWM mode and PFM mode. The operating mode is selected
using register bits BUCKA_MODE and BUCKB_MODE.
An automatic phase shedding can be enabled for each buck converter in PWM mode via PH_SH_EN_A,
PH_SH_EN_B, thereby automatically reducing or increasing the number of active phases depending on the
output load current. For DA9214 the phase shedding will automatically change between 1-phase and 2-phase
operation at a typical current of 2.0 A. For DA9213 the phase shedding will automatically change between 1-
phase and 4-phase operation at a typical current of 2.5 A. The PHASE_SEL_A and PHASE_SEL_B register
fields limit the maximum number of active phases under any conditions.
If the automatic operation mode is selected on BUCKA_MODE or BUCKB_MODE, the buck converters will
automatically change between synchronous PWM mode and PFM depending on the load current. This improves
the efficiency of the converters across the whole range of output load currents.
5.1.3
Output Voltage Selection
The switching converter can be configured using either a 2-WIRE or a 4-WIRE interface. For security reasons,
the re-programming of registers that can cause damage when wrongly programmed (for example, the voltage
settings) can be disabled by asserting the control V_LOCK. When V_LOCK is asserted, reprogramming the
registers 0xD0 to 0x14F from control interfaces is disabled.
For each buck converter two output voltages can be pre-configured inside registers VBUCKA_A and
VBUCKB_A, and registers VBUCKA_B and VBUCKB_B. The output voltage can be selected by either toggling
register bits VBUCKA_SEL and VBUCKB_SEL or by re-programming the selected voltage control register. Both
changes will result into ramped voltage transitions, during which the READY signal is asserted. After being
enabled, the buck converter will by default use the register settings in VBUCKA_A and VBUCKB_A unless the
output voltage selection is configured via the GPI port.
If “00” has been selected in BUCKA_MODE or BUCKB_MODE, A-/B- voltage selection registers VBUCKx_x
control the operation of the PWM and PFM modes.
Regardless of the values programmed in the VBUCKx_A and VBUCKx_B registers, the registers
VBUCKA_MAX, VBUCKB_MAX will individually limit the output voltage that can be set for each of the buck
converters.
The buck converter provides an optional hardware enable/disable via selectable GPI, and configured via control
register bits BUCKA_GPI and BUCKB_GPI. A change of the output voltage from the state of a GPI is enabled
via control register bits VBUCKA_GPI and VBUCKB_GPI. After detecting a rising or falling edge at the related
GPIs, DA9213, DA9214, and DA9215 will configure the buck converters according to their status.
In addition to selecting between the A/B voltages, a track mode can be activated for Buck A to set the output
voltage. In the DA9213, the track mode is applied to the 4-phase buck converter. This feature can be enabled on
GPI0 via GPI0_PIN. The output voltage will be configured to follow the value applied at a selected GPI pin. The
voltage applied at GPI0 must be in the same range as the nominal output voltage selectable for the buck rail
(see VBUCKA_A and VBUCKA_B registers). In Track Mode, only single ended remote sensing is possible.
In Track Mode, the content of the VBUCKA_SEL bit is ignored, as well as VBUCKA_A and VBUCKA_B bits.
They will become active again once the voltage track mode is disabled. The GPI0 does not generate any event
in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com