Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 48Page - Renesas Technology Corp DA9213 Datasheet HTML 49Page - Renesas Technology Corp DA9213 Datasheet HTML 50Page - Renesas Technology Corp DA9213 Datasheet HTML 51Page - Renesas Technology Corp DA9213 Datasheet HTML 52Page - Renesas Technology Corp DA9213 Datasheet HTML 53Page - Renesas Technology Corp DA9213 Datasheet HTML 54Page - Renesas Technology Corp DA9213 Datasheet HTML 55Page - Renesas Technology Corp DA9213 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 52
Register
Bit
Type
Label
Description
1111101: 1.55 V
1111110: 1.56 V
1111111: 1.57 V
Register
Bit
Type
Label
Description
0xD7
VBUCKA_A
7
R/W
BUCKA_SL_A
0: Configures Buck A to PWM mode whenever selecting
A voltage setting
1: Configures Buck A to automatic mode whenever selecting
A voltage setting
6:0
R/W
VBUCKA_A
0000000: 0.30 V
0000001: 0.31 V
0000010: 0.32 V
Continuing through…
1000110: 1.0 V
to
…
1111101: 1.55 V
1111110: 1.56 V
1111111: 1.57 V
Register
Bit
Type
Label
Description
0xD8
VBUCKA_B
7
R/W
BUCKA_SL_B
0: Configures Buck A to PWM mode, whenever selecting
B voltage setting
1: Configures Buck A to automatic mode, whenever selecting
B voltage setting
6:0
R/W
VBUCKA_B
0000000: 0.30 V
0000001: 0.31 V
0000010: 0.32 V
Continuing through…
1000110: 1.0 V
to
…
1111101: 1.55 V
1111110: 1.56 V
1111111: 1.57 V
Register
Bit
Type
Label
Description
0xD9
VBUCKB_A
7
R/W
BUCKB_SL_A
0: Configures Buck B to PWM mode, whenever selecting
A voltage setting
1: Configures Buck B to automatic mode, whenever selecting
A voltage setting
6:0
R/W
VBUCKB_A
0000000: 0.30 V
0000001: 0.31 V
0000010: 0.32 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com