Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 27
Figure 18. Concept of Control of the B
uck’s Output Voltage
5.1.4
Soft Start-Up
To limit in-rush current from VSYS, the buck converters can perform a soft start after being enabled. The start-up
behavior is a compromise between acceptable inrush current from the battery and turn on time. In DA9213,
DA9214, and DA9215, different ramp times can be individually configured for each buck converter on register
BUCKA_UP_CTRL and BUCKB_UP_CTRL. Rates higher than 20 mV/µs may produce overshoot during the
start-up phase, so they should be considered carefully.
A ramped power down can be selected on register bits BUCKA_DOWN_CTRL and BUCKB_DOWN_CTRL.
When no ramp is selected, the output node will be discharged only by the pull down resistor, if enabled via
BUCKA_PD_DIS and BUCKB_PD_DIS.
5.1.5
Current Limit
The integrated current limit is meant to protect DA9213, DA9214, and DA9215
’s power stages and the external
coil from excessive current. The bucks’ current limit should be configured to be at least 40% higher than the
required maximum continuous output current.
When reaching the current limit, each buck converter generates an event and an interrupt to the host processor
unless the interrupt has been masked using the OCx_MASK controls. These OCA_MASK and OCB_MASK
control bits can be used to mask the generation of over current events during DVC transitions. An extra masking
time as defined in OCx_MASK will be automatically added to the DVC interval after the DVC has finished in
order to ensure that the possible high current levels needed for DVC do not influence the event generation.
5.1.6
Variable VOUT above 1.57 V
The whole product family is also available with an adjustable output voltage up to 4.3 V. A resistive divider from
VOUT to FBAN (or FBBN) can be used to set the output voltage higher than 1.57 V, see Figure 19.
The value of the output voltage VOUT is set by the selection of the resistive divider shown in equation 1. The total
resistance of the divider resistors (R1+R2) should be less than 40 k
Ω.
������������������������ = (1 +
������1
������2
) ∙ ������������������������
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com