Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp DA9213 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 33
Figure 21. Schematic of 4-WIRE and 2-WIRE Power Manager Bus
A transmission begins when initiated by the host. Reading and writing is accomplished by the use of an 8-bit
command, which is sent by the host prior to the exchanged 8-bit data. The byte from the host begins shifting in
on the SI pin under the control of the serial clock SK provided from the host. The first seven bits specify the
register address (0x01 to 0x07) that will be written or read by the host. The register address is automatically
decoded after receiving the seventh address bit. The command word ends with an R/W bit, which together with
the control bit R/W_POL specifies the direction of the following data exchange. During register writing the host
continues sending out data during the following eight SK clocks. For reading, the host stops transmitting and the
8-bit register is clocked out of DA9213, DA9214, and DA9215 during the consecutive eight SK clocks of the
frame. Address and data are transmitted with MSB first. The polarity (active state) of nCS is defined by control
bit nCS_POL. nCS resets the interface when inactive and it has to be released between successive cycles.
The SO output from DA9213, DA9214, and DA9215 is normally in high-impedance state and active only during
the second half of read cycles. A pull-up or pull-down resistor may be needed at the SO line if a floating logic
signal can cause unintended current consumption inside other circuits.
Table 12. 4-WIRE Clock Configurations
CPHA Clock
Polarity
CPOL Clock
Phase
Output Data is Updated at SK Edge
Input Data is Registered at SK Edge
0 (idle low)
0
Falling
Rising
0 (idle low)
1
Rising
Falling
1 (idle high)
0
Rising
Falling
1 (idle high)
1
Falling
Rising
DA9213, DA9214, and DA9215's 4-WIRE interface offers two further configuration bits. Clock polarity (CPOL)
and clock phase (CPHA) define when the interface will latch the serial data bits. CPOL determines whether SK
idles high (CPOL = 1) or low (CPOL = 0). CPHA determines on which SK edge data is shifted in and out. With
CPOL = 0 and CPHA = 0, DA9213, DA9214, and DA9215 latch data on the SK rising edge. If the CPHA is set to
1 the data is latched on the SK falling edge. CPOL and CPHA states allow four different combinations of clock
polarity and phase. Each setting is incompatible with the other three. The host and DA9213, DA9214, and
DA9215 must be set to the same CPOL and CPHA states to communicate with each other.
PMIC
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-WIRE interface
Host
processor
PMIC
Peripheral
device
SI
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-WIRE interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com