Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 8Page - Renesas Technology Corp DA9213 Datasheet HTML 9Page - Renesas Technology Corp DA9213 Datasheet HTML 10Page - Renesas Technology Corp DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 12
3.
Specifications
3.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
Table 4. Absolute Maximum Ratings
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
TSTG
Storage temperature
-65
+150
°C
TJ
Junction temperature
-40
+150
°C
VDD_LIM
Limiting supply voltage
-0.3
6.0
V
VPIN
Limiting voltage at all pins
except above
-0.3
VDD + 0.3
(max 6.0)
V
VESD_HBM
Electrostatic discharge voltage
Human Body Model
2
kV
Note 1
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
3.2
Recommended Operating Conditions
Table 5. Recommended Operating Conditions (Note 1)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
2.8
5.5
V
TJ_OP
Operating junction
temperature
125
°C
TA
Ambient temperature
-40
85
°C
VDDIO
Input/output supply voltage
1.2
3.6
Note 2
PTOT
Total power dissipation
Note 3
66 WL-CSP
Derating factor above
TA = 70 °C: 37 mW/°C
2035
mW
PTOT
Total power dissipation
Note 3
66 VFBGA
Derating factor above
TA = 70 °C: 34.8 mW/°C
1920
mW
Note 1
Within the specified limits, a lifetime of 10 years is guaranteed.
Note 2
VDDIO is not allowed to be higher than VDD.
Note 3
Obtained from simulation on a 2S2P 4L JEDEC Board (EIA/JESD51-2). Influenced by PCB technology and layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com