Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 6Page - Renesas Technology Corp DA9213 Datasheet HTML 7Page - Renesas Technology Corp DA9213 Datasheet HTML 8Page - Renesas Technology Corp DA9213 Datasheet HTML 9Page - Renesas Technology Corp DA9213 Datasheet HTML 10Page - Renesas Technology Corp DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 10
2.2
Pin Descriptions
Table 2. Pin Description
Pin Name
Signal
Name
Second
Function
Type
(Table 3)
Description
B1, B2, B3, B4
LX_A1
AO
Switching node for Buck A phase 1
E1, E2, E3, E4
LX_A2
AO
Switching node for Buck A phase 2
B8, B9, B10, B11
LX_B1
AO
Switching node for Buck B phase 1
E8, E9, E10, E11
LX_B2
AO
Switching node for Buck B phase 2
A1, A2, A3, A4
VDD_A1
PS
Supply voltage for Buck A phase 1
To be connected to VSYS
F1, F2, F3, F4
VDD_A2
PS
Supply voltage for Buck A phase 2
To be connected to VSYS
A8, A9, A10, A11
VDD_B1
PS
Supply voltage for Buck B phase 1
To be connected to VSYS
F8, F9, F10, F11
VDD_B2
PS
Supply voltage for Buck B phase 2
To be connected to VSYS
F7
IC_EN
DI
Integrated Circuit (IC) Enable Signal
F5
nIRQ
DO
Interrupt line towards the host
E7
VDDIO
PS
I/O Voltage Rail
C5
FBAP
AI
Positive sense node for Buck A
D5
FBAN
AI
Negative sense node for Buck A
C7
FBBP
AI
Positive sense node for Buck B of DA9214 or DA9215
NC
AO
Do not connect for DA9213
D7
FBBN
AI
Negative sense node for Buck B of DA9214 or DA9215
NC
AO
Do not connect for DA9213
A7
GPI0
TRK
DI/AI
General purpose input, input track
B7
GPI1
DI
General purpose input
B6
GPIO2
DIO
General purpose input/output
A5
SDA
SI
DIO
2-WIRE data, 4-WIRE data input/output
A6
SCL
SK
DI
2-WIRE clock, 4-WIRE clock
D6
nCS
GPI4
DI
4-WIRE chip select, general purpose input
C6
SO
GPIO3
DIO
4-WIRE data output, general purpose input/output
B5
NC
AO
Do not connect and leave floating. This pin is used for
the supply of internal circuits.
VDDCORE
AO
Regulated supply (typical 2.5 V) for internal circuitry.
On VFBGA package, decouple with 150 nF (or
220 nF).
F6
VSYS
PS
Supply for IC and input for voltage supervision
E5
VSS
VSS
E6
VSS_ANA
VSS
C1, C2, C3, C4,
D1, D2, D3, D4,
C8, C9, C10, C11,
D8, D9, D10, D11
VSS_A1,
VSS_A2
VSS_B1
VSS_B2
VSS
Connect together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com