Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5 A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 44Page - Renesas Technology Corp DA9213 Datasheet HTML 45Page - Renesas Technology Corp DA9213 Datasheet HTML 46Page - Renesas Technology Corp DA9213 Datasheet HTML 47Page - Renesas Technology Corp DA9213 Datasheet HTML 48Page - Renesas Technology Corp DA9213 Datasheet HTML 49Page - Renesas Technology Corp DA9213 Datasheet HTML 50Page - Renesas Technology Corp DA9213 Datasheet HTML 51Page - Renesas Technology Corp DA9213 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
DA9213, DA9214, DA9215 Datasheet
R16DS0598EJ0361 Rev.03.61
Nov 03, 2025
CFR0011-120-00
Page 48
7.1.2.3
Regulators Control
Register
Bit
Type
Label
Description
0x5D
BUCKA_CONT
7
R/W
(reserved)
6:5
R/W
VBUCKA_GPI
Selects the GPI that specifies the target voltage of
VBUCKA. This is VBUCKA_A on active to passive
transition, VBUCKA_B on passive to active transition.
Active high/low is controlled by GPIx_TYPE.
00: Not controlled by GPIO
01: GPIO1 controlled
10: GPIO2 controlled
11: GPIO4 controlled
4
R/W
VBUCKA_SEL
Buck A voltage is selected from (ramping):
0: VBUCKA_A
1: VBUCKA_B
3
R/W
BUCKA_PD_DIS
0: Enable pull-down resistor of Buck A when the
buck is disabled
1: Disable pull-down resistor of Buck A when the buck is
disabled
2:1
R/W
BUCKA_GPI
GPIO enables the Buck A on passive to active state
transition, disables the Buck A on active to passive state
transition
00: Not controlled by GPIO
01: GPIO0 controlled
10: GPIO1 controlled
11: GPIO3 controlled
0
R/W
BUCKA_EN
0: Buck A disabled
1: Buck A enabled
Register
Bit
Type
Label
Description
0x5E
BUCKB_CONT
7
R/W
(reserved)
6:5
R/W
VBUCKB_GPI
Selects the GPI that specifies the target voltage of
VBUCKB. This is VBUCKB_A on active to passive
transition, VBUCKB_B on passive to active transition.
Active high/low is controlled by GPIx_TYPE.
00: Not controlled by GPIO
01: GPIO1 controlled
10: GPIO2 controlled
11: GPIO4 controlled
4
R/W
VBUCKB_SEL
Buck A voltage is selected from (ramping):
0: VBUCKB_A
1: VBUCKB_B
3
R/W
BUCKB_PD_DIS
0: Enable pull-down resistor of Buck B when the
buck is disabled
1: Disable pull-down resistor of Buck B when the buck is
disabled
2:1
R/W
BUCKB_GPI
GPIO enables the Buck B on passive to active state
transition, disables the Buck B on active to passive state
transition
00: Not controlled by GPIO
01: GPIO0 controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com