Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 103Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 104Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 105Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 106Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 107Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 108Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 109Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 110Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
CP321
NetBootLoader
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 5 - 27
PING
FUNCTION:
Verify operability of the Ethernet interface
SYNTAX:
ping <ip_addr> [-c <count>] [-s <size>]
… [-w <wait>]
where:
ping
command
<ip-addr>
parameter: value: numerical string
IP address of target: nnn.nnn.nnn.nnn
-c
option: count
<count>
parameter: value: numeric: “[n ... ]n”
number of packets to send
-s
option: size
<size>
parameter: value: numeric: “[n ... ]n”: bytes
size of packet to send
-w
option: wait
<wait>
parameter: value: numeric: “[n ... ]n”: seconds
wait time between packets
DESCRIPTION:
To verify the operational status of the Ethernet interface the command
“ping” is used. This command tests the network connection and target
server’s ability to respond.
If no other parameters are specified, four requests will be sent. This
can be changed with the parameter “-c”. The typical size of a ping
packet can be changed with the parameter “-s” and the time between
requests, which is typically one second, can be changed with the pa-
rameter “-w”.
Reponses to the “ping” command are dependent on the performance
of the network.
USAGE:
Send four packets
COMMAND / RESPONSE:
ping 192.192.158.7
Send ten packets, 100 bytes long, and wait two seconds between
packets
COMMAND / RESPONSE:
ping 192.192.158.7 -c 10 -s 100 -w 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com