Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 101Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 102Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 103Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 104Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 105Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 106Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 107Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 108Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
CP321
NetBootLoader
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 5 - 25
PCI
FUNCTION:
Display PCI information
SYNTAX:
pci
DESCRIPTION:
The command “pci” is used to display detailed information on all
detected PCI devices. The bus number, device number, function
number, vendor, and device ID’s are displayed together with the
configured base addresses and the assigned IRQ number.
PF
FUNCTION:
Set or display the serial port parameters (format)
SYNTAX:
pf [<port> [<baud>][/[<bitschar>]
…[/[<parity>][/<stops>]]]]
where:
pf
command
<port>
parameter: string: “term” or “ser0”
defines serial port to be configured
<baud>
parameter: value: numeric: “50, 75, 110, 134.5,
150, 300, 600, 1200, 1800, 2000, 2400, 3600,
4800, 7200, 9600, 19200, 38400, 115200”
defines the baud rate for the port
<bitschar>
parameter: value: numeric: “7” or “8”
defines the number of bits per character
<parity>
parameter: string: “n” (none), “o” (odd), “e” (even)
defines parity to be used
<stops>
parameter: value: number: “1”, “2”
defines number of stop bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com