Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 113 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 113 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 109Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 110Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 111Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 112Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 113Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 114Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 115Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 116Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 117Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 144 page
background image
CP321
CP320-IO1 Module
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page A - 3
A.
CP320-IO1 Module
A.1. Overview
The optional Kontron CP320-IO1 module has been designed to provide the CP321 user with
an effective gateway to the world of PMC modules. This additional capability opens up the
broadest range of expansion possibilities.
PMC modules are renowned for their flexibility and versatility of use. They afford the user wide
ranging system-independent solutions by means of easily interchanged or upgraded add-on
modules. The Kontron CP320-IO1 has been designed to maximize the advantages provided
by PMC modules in a 3U environment.
A special feature of the CP321 is the ability to cascade two of these IO1 modules on top of one
another. This means that the CP321 is able to carry any two PMC modules. Tremendous ad-
vantages in terms of expandability and flexibility are thus made available to the user as a result
of the addition of this capability to the board’s many outstanding features.
The CP320-IO1 is a non-intelligent, passive 3U CPCI carrier board with one PMC slot.
Some of the Outstanding Features of the CP320-IO1
•
32 Bit / 33MHz PCI Bus on the PMC side
•
IO voltage, V(I/O), 5V, or 3.3V, can be configured on the base board (CP321)
•
It supports the Interrupts INTA, INTB, INTC and INTD
•
It supports all the signals of the PCI Bus on its connectors Jn1 (CON4),
Jn2 (CON5)
•
The connectors which connect the mezzanine board with the carrier include all the sig-
nals of a 33MHz, 32-bit, multi-master PCI bus; the power rails for 5V, 3.3V, and V(I/O);
and other specialized signals for board detection.
Features of the Kontron Modular Computers’ PMC modules
Kontron Modular Computers’ PMC modules are operable in CompactPCI systems and VME
systems which support PCI busses. They offer all the key benefits of PC I/O technology, name-
ly:
•
low cost solutions
•
high performance
•
a processor independent local I/O bus
•
a broad range of I/O peripheral devices
Kontron Modular Computers’ PMC modules may be installed on a variety of different carrier
boards, including:
•
CompactPCI 3U/6U: CPU CP302, CP600, CP602, CP610, CP611, CP612
•
CompactPCI PMC carrier boards such as the CP390 and CP690
•
VME 3U: VMP1 by means of the VMP1-IO1 module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com