Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 113Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 114Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 115Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 116Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 117Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 118Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 119Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 120Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 144 page
background image
CP321
CP320-IO1 Module
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page A - 7
A.5. Pinouts
Table A-1: Jn1 (CON4), 32-bit PCI
PIN
SIGNAL
SIGNAL
PIN
1
TCK
-12V
2
3
Ground
INTA#
4
5INTB#
INTC#
6
7
BUSMODE1#
+5V
8
9
INTD#
PCI-RSVD
10
11
Ground
PCI-RSVD
12
13
CLK
Ground
14
15
Ground
GNT#
16
17
REQ#
+5V
18
19
V(I/O)
AD[31]
20
21
AD[28]
AD[27]
22
23
AD[25]
Ground
24
25
Ground
C/BE[3]#
26
27
AD[22]
AD[21]
28
29
AD[19]
+5V
30
31
V(I/O)
AD[17]
32
33
FRAME#
Ground
34
35
Ground
IRDY#
36
37
DEVSEL#
+5V
38
39
Ground
LOCK#
40
41
SDONE#
SBO#
42
43
PAR
Ground
44
45
V(I/O)
AD[15]
46
47
AD[12]
AD[11]
48
49
AD[09]
+5V
50
51
Ground
C/BE[0]#
52
53
AD[06]
AD[05]
54
55
AD[04]
Ground
56
57
V(I/O)
AD[03]
58
59
AD[02]
AD[01]
60
61
AD[00]
+5V
62
63
Ground
REQ64#
64
Table A-2: Jn2 (CON5), 32-bit PCI
PIN
SIGNAL
SIGNAL
PIN
1
+12V
TRST#
2
3TMS
TDO
4
5
TDI
Ground
6
7
Ground
PCI-RSVD
8
9
PCI-RSVD
PCI-RSVD
10
11
BUSMODE2#
+3.3V
12
13
RST#
BUSMODE3#
14
15
3.3V
BUSMODE4#
16
17
PCI-RSVD
Ground
18
19
AD[30]
AD[29]
20
21
Ground
AD[26]
22
23
AD[24]
+3.3V
24
25
IDSEL
AD[23]
26
27
+3.3V
AD[20]
28
29
AD[18]
Ground
30
31
AD[16]
C/BE[2]#
32
33
Ground
PMC-RSVD
34
35
TRDY#
+3.3V
36
37
Ground
STOP#
38
39
PERR#
Ground
40
41
+3.3V
SERR#
42
43
C/BE[1]#
Ground
44
45
AD[14]
AD[13]
46
47
Ground
AD[10]
48
49
AD[08]
+3.3V
50
51
AD[07]
PMC-RSVD
52
53
+3.3V
PMC-RSVD
54
55
PMC-RSVD
Ground
56
57
PMC-RSVD
PMC-RSVD
58
59
Ground
PMC-RSVD
60
61
ACK64#
+3.3V
62
63
Ground
PMC-RSVD
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com