Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 34 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 34 Page - Winbond

Back Button W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond W77C32 Datasheet HTML 35Page - Winbond W77C32 Datasheet HTML 36Page - Winbond W77C32 Datasheet HTML 37Page - Winbond W77C32 Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
W77C32/W77C032A
- 34 -
8.1 Instruction Timing
The instruction timing for the W77C032 is an important aspect, especially for those users who wish to
use software instructions to generate timing delays. Also, it provides the user with an insight into the
timing differences between the W77C032 and the standard 8032. In the W77C032 each machine
cycle is four clock periods long. Each clock period is designated a state. Thus each machine cycle is
made up of four states, C1, C2, C3 and C4 in that order. Due to the reduced time for each instruction
execution, both the clock edges are used for internal timing. Hence it is important that the duty cycle of
the clock be as close to 50% as possible to avoid timing conflicts. As mentioned earlier, the W77C032
does one op-code fetch per machine cycle. Therefore, in most of the instructions, the number of
machine cycles needed to execute the instruction is equal to the number of bytes in the instruction. Of
the 256 available op-codes, 128 of them are single cycle instructions. Thus more than half of all op-
codes in the W77C032 are executed in just four clock periods. Most of the two-cycle instructions are
those that have two byte instruction codes. However there are some instructions that have only one
byte instructions, yet they are two cycle instructions. One instruction which is of importance is the
MOVX instruction. In the standard 8032, the MOVX instruction is always two machine cycles long.
However in the W77C032, the user has a facility to stretch the duration of this instruction from 2
machine cycles to 9 machine cycles. The RD and WR strobe lines are also proportionately
elongated. This gives the user flexibility in accessing both fast and slow peripherals without the use of
external circuitry and with minimum software overhead. The rest of the instructions are either three,
four or five machine cycle instructions. Note that in the W77C032, based on the number of machine
cycles, there are five different types, while in the standard 8032 there are only three. However, in the
W77C032 each machine cycle is made of only 4 clock periods compared to the 12 clock periods for
the standard 8032. Therefore, even though the number of categories has increased, each instruction
is at least 1.5 to 3 times faster than the standard 8032 in terms of clock periods.
Single Cycle
C4
C3
C2
C1
CLK
ALE
PSEN
AD7-0
PORT 2
A7-0
Address A15-8
Data_ in D7-0
Figure 3: Single Cycle Instruction Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com