Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 44 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 44 Page - Winbond

Back Button W77C32 Datasheet HTML 40Page - Winbond W77C32 Datasheet HTML 41Page - Winbond W77C32 Datasheet HTML 42Page - Winbond W77C32 Datasheet HTML 43Page - Winbond W77C32 Datasheet HTML 44Page - Winbond W77C32 Datasheet HTML 45Page - Winbond W77C32 Datasheet HTML 46Page - Winbond W77C32 Datasheet HTML 47Page - Winbond W77C32 Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
W77C32/W77C032A
- 44 -
The W77C032 can be woken from the Power Down mode by forcing an external interrupt pin
activated, provided the corresponding interrupt is enabled, while the global enable(EA) bit is set and
the external input has been set to a level detect mode. If these conditions are met, then the low level
on the external pin re-starts the oscillator. Then device executes the interrupt service routine for the
corresponding external interrupt. After the interrupt service routine is completed, the program
execution returns to the instruction after the one which put the device into Power Down mode and
continues from there. When RGSL(EXIF.1) bit is set to 1, the CPU will use the internal RC oscillator
instead of crystal to exit Power Down mode. The microcontroller will automatically switch from RC
oscillator to crystal after clock is stable. The RC oscillator runs at approximately 2
−4 MHz. Using RC
oscillator to exit from Power Down mode saves the time for waiting crystal start-up. It is useful in the
low power system which usually be awakened from a short operation then returns to Power Down
mode.
Table 5. Status of external pins during Idle and Power Down
MODE
PROGRAM
MEMORY
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com