Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 62 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 62 Page - Winbond

Back Button W77C32 Datasheet HTML 58Page - Winbond W77C32 Datasheet HTML 59Page - Winbond W77C32 Datasheet HTML 60Page - Winbond W77C32 Datasheet HTML 61Page - Winbond W77C32 Datasheet HTML 62Page - Winbond W77C32 Datasheet HTML 63Page - Winbond W77C32 Datasheet HTML 64Page - Winbond W77C32 Datasheet HTML 65Page - Winbond W77C32 Datasheet HTML 66Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
W77C32/W77C032A
- 62 -
1. RI must be 0 and
2. Either SM2 = 0, or the received stop bit = 1.
If these conditions are met, then the stop bit goes to RB8, the 8 data bits go into SBUF and RI is set.
Otherwise the received frame may be lost. After the middle of the stop bit, the receiver goes back to
looking for a 1-to-0 transition on the RxD pin.
SBUF
RB8
Transmit Shift Register
Receive Shift Register
TX
SHIFT
PAROUT
D8
Internal
Data Bus
Internal
Data
Bus
TXD
RXD
Serial Port
Interrupt
SMOD=
(SMOD_1)
SAMPLE
Write to
SBUF
TX START
SOUT
T
0
1
TI
PARIN
STOP
START
LOAD
CLOCK
Read
SBUF
TX CLOCK
RI
SERIAL
CONTROLLER
RX CLOCK
LOAD
SBUF
RX START
RX SHIFT
÷≅⎟6Χ
2
÷16
1-TO-0
DETECTOR
BIT
DETECTOR
÷16
CLOCK
SIN
D8
TB8
Clock Source
Mode
input
div. by 4
osc/2
div. by 64
osc/32
div. by 1024 osc/512
Figure 22. Serial Port Mode 2
Mode 3
This mode is similar to Mode 2 in all respects, except that the baud rate is programmable. The user
must first initialize the Serial related SFR SCON before any communication can take place. This
involves selection of the Mode and baud rate. The Timer 1 should also be initialized if modes 1 and 3
are used. In all four modes, transmission is started by any instruction that uses SBUF as a destination
register. Reception is initiated in Mode 0 by the condition RI = 0 and REN = 1. This will generate a
clock on the TxD pin and shift in 8 bits on the RxD pin. Reception is initiated in the other modes by the
incoming start bit if REN = 1. The external device will start the communication by transmitting the start
bit.
Table 10. Serial Ports Modes
SM1
SM0
MODE
TYPE
BAUD
CLOCK
FRAME
SIZE
START
BIT
STOP
BIT
9
TH BIT
FUNCTION
0
0
0
Synch.
4 or 12 TCLKs
8 bits
No
No
None
0
1
1
Asynch.
Timer 1 or 2
10 bits
1
1
None
1
0
2
Asynch.
32 or 64 TCLKs
11 bits
1
1
0, 1
1
1
3
Asynch.
Timer 1 or 2
11 bits
1
1
0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com