Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 52 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 52 Page - Winbond

Back Button W77C32 Datasheet HTML 48Page - Winbond W77C32 Datasheet HTML 49Page - Winbond W77C32 Datasheet HTML 50Page - Winbond W77C32 Datasheet HTML 51Page - Winbond W77C32 Datasheet HTML 52Page - Winbond W77C32 Datasheet HTML 53Page - Winbond W77C32 Datasheet HTML 54Page - Winbond W77C32 Datasheet HTML 55Page - Winbond W77C32 Datasheet HTML 56Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
W77C32/W77C032A
- 52 -
12.1.2 Mode 0
In Mode 0, the timer/counters act as a 8 bit counter with a 5 bit, divide by 32 pre-scale. In this mode
we have a 13 bit timer/counter. The 13 bit counter consists of 8 bits of THx and 5 lower bits of TLx.
The upper 3 bits of TLx are ignored.
The negative edge of the clock increments the count in the TLx register. When the fifth bit in TLx
moves from 1 to 0, then the count in the THx register is incremented. When the count in THx moves
from FFh to 00h, then the overflow flag TFx in TCON SFR is set. The counted input is enabled only if
TRx is set and either GATE = 0 or INTx = 1. When C/ T is set to 0, then it will count clock cycles, and
if C/ T is set to 1, then it will count 1 to 0 transitions on T0 (P3.4) for timer 0 and T1 (P3.5) for timer 1.
When the 13 bit count reaches 1FFFh the next count will cause it to roll-over to 0000h. The timer
overflow flag TFx of the relevant timer is set and if enabled an interrupts will occur. Note that when
used as a timer, the time-base may be either clock cycles/12 or clock cycles/4 as selected by the bits
TxM of the CKCON SFR.
1/4
1/12
C/T = TMOD.2
(C/T = TMOD.6)
T0M = CKCON.3
(T1M = CKCON.4)
M1,M0 = TMOD.1,TMOD.0
(M1,M0 = TMOD.5,TMOD.4)
Interrupt
T0 = P3.4
(T1 = P3.5)
TH0
(TH1)
TL0
(TL1)
TF0
(TF1)
TR0 = TCON.4
(TR1 = TCON.6)
GATE = TMOD.3
(GATE = TMOD.7)
INT0 = P3.2
(INT1 = P3.3)
7
0
TFx
4
7
0
Timer 1 functions are shown in brackets
1
00
0
0
1
01
Clock Source
Mode
input
div. by 4
osc/1
div. by 64
osc/16
div. by 1024 osc/256
Figure 11: Timer/Counter Mode 0 & Mode 1
12.1.3 Mode 1
Mode 1 is similar to Mode 0 except that the counting register forms a 16 bit counter, rather than a 13
bit counter. This means that all the bits of THx and TLx are used. Roll-over occurs when the timer
moves from a count of FFFFh to 0000h. The timer overflow flag TFx of the relevant timer is set and if
enabled an interrupt will occur. The selection of the time-base in the timer mode is similar to that in
Mode 0. The gate function operates similarly to that in Mode 0.
12.1.4 Mode 2
In Mode 2, the timer/counter is in the Auto Reload Mode. In this mode, TLx acts as a 8 bit count
register, while THx holds the reload value. When the TLx register overflows from FFh to 00h, the TFx
bit in TCON is set and TLx is reloaded with the contents of THx, and the counting process continues
from here. The reload operation leaves the contents of the THx register unchanged. Counting is
enabled by the TRx bit and proper setting of GATE and INTx pins. As in the other two modes 0 and 1,
mode 2 allows counting of either clock cycles (clock/12 or clock/4) or pulses on pin Tn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com