Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 68 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 68 Page - Winbond

Back Button W77C32 Datasheet HTML 64Page - Winbond W77C32 Datasheet HTML 65Page - Winbond W77C32 Datasheet HTML 66Page - Winbond W77C32 Datasheet HTML 67Page - Winbond W77C32 Datasheet HTML 68Page - Winbond W77C32 Datasheet HTML 69Page - Winbond W77C32 Datasheet HTML 70Page - Winbond W77C32 Datasheet HTML 71Page - Winbond W77C32 Datasheet HTML 72Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
W77C32/W77C032A
- 68 -
DC Characteristics, continued
SPECIFICATION
PARAMETER
SYM.
MIN.
MAX.
UNIT
TEST CONDITIONS
Input High Voltage
P0, P1, P2, P3, EA
VIH1
2.4
VDD +0.2
V
VDD = 5.5V
Input High Voltage
RST
VIH2
3.5
VDD +0.2
V
VDD = 5.5V
Input High Voltage
XTAL1
[*3]
VIH3
3.5
VDD +0.2
V
VDD = 5.5V
Output Low Voltage
P1, P2, P3
VOL1
-
0.45
V
VDD = 4.5V
IOL = +2 mA
Output Low Voltage
P0, ALE, PSEN
[*2]
VOL2
-
0.45
V
VDD = 4.5V
IOL = +4 mA
Output High Voltage
P1, P2, P3
VOH1
2.4
-
V
VDD = 4.5V
IOH = -100
μA
Output High Voltage
P0, ALE, PSEN
[*2]
VOH2
2.4
-
V
VDD = 4.5V
IOH = -400
μA
Notes:
*1. RST pin is a Schmitt trigger input.
*2. P0, ALE and PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input.
*4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0. The transition
current reaches its maximum value when VIN approximates to 2V.
16.3 A.C. Characteristics
tCLCL
tCLCX
tCHCX
tCLCH
tCHCL
16.3.1 External Clock Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
NOTES
Clock High Time
tCHCX
12.5
-
-
nS
Clock Low Time
tCLCX
12.5
-
-
nS
Clock Rise Time
tCLCH
-
-
10
nS
Clock Fall Time
tCHCL
-
-
10
nS
Note: Duty cycle is 50 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com