Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 27 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 27 Page - Winbond

Back Button W77C32 Datasheet HTML 23Page - Winbond W77C32 Datasheet HTML 24Page - Winbond W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 27 -
Revision A8
8. INSTRUCTION
The W77C032 executes all the instructions of the standard 8032 family. The operation of these
instructions, their effect on the flag bits and the status bits is exactly the same. However, timing of
these instructions is different. The reason for this is two fold. Firstly, in the W77C032, each machine
cycle consists of 4 clock periods, while in the standard 8032 it consists of 12 clock periods. Also, in the
W77C032 there is only one fetch per machine cycle i.e. 4 clocks per fetch, while in the standard 8032
there can be two fetches per machine cycle, which works out to 6 clocks per fetch.
The advantage the W77C032 has is that since there is only one fetch per machine cycle, the number
of machine cycles in most cases is equal to the number of operands that the instruction has. In case
of jumps and calls there will be an additional cycle that will be needed to calculate the new address.
But overall the W77C032 reduces the number of dummy fetches and wasted cycles, thereby
improving efficiency as compared to the standard 8032.
Table 2. Instructions that affect Flag settings
INSTRUCTION
CARR
Y
OVERFLOW
AUXILIARY
CARRY
INSTRUCTION
CARRY
OVERFLOW
AUXILIARY
CARRY
ADD
X
X
X
CLR C
0
ADDC
X
X
X
CPL C
X
SUBB
X
X
X
ANL C, bit
X
MUL
0
X
ANL C, bit
X
DIV
0
X
ORL C, bit
X
DA A
X
ORL C, bit
X
RRC A
X
MOV C, bit
X
RLC A
X
CJNE
X
SETB C
1
A “X” indicates that the modification is as per the result of instruction.
Table 3. Instruction Timing for W77C032
INSTRUCTION
HEX OP-
CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
NOP
00
1
1
4
12
3
ADD A, R0
28
1
1
4
12
3
ADD A, R1
29
1
1
4
12
3
ADD A, R2
2A
1
1
4
12
3
ADD A, R3
2B
1
1
4
12
3
ADD A, R4
2C
1
1
4
12
3
ADD A, R5
2D
1
1
4
12
3
ADDC A, R1
39
1
1
4
12
3
ADDC A, R2
3A
1
1
4
12
3
ADDC A, R3
3B
1
1
4
12
3
ADDC A, R4
3C
1
1
4
12
3
ADDC A, R5
3D
1
1
4
12
3
ADDC A, R6
3E
1
1
4
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com