Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 16 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 16 Page - Winbond

Back Button W77C32 Datasheet HTML 12Page - Winbond W77C32 Datasheet HTML 13Page - Winbond W77C32 Datasheet HTML 14Page - Winbond W77C32 Datasheet HTML 15Page - Winbond W77C32 Datasheet HTML 16Page - Winbond W77C32 Datasheet HTML 17Page - Winbond W77C32 Datasheet HTML 18Page - Winbond W77C32 Datasheet HTML 19Page - Winbond W77C32 Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
W77C32/W77C032A
- 16 -
7.1 External Interrupt Flag
Bit:
7
6
5
4
3
2
1
0
IE5
IE4
IE3
IE2
XT/RG
RGMD
RGSL
BGS
Mnemonic: EXIF
Address: 91h
IE5: External Interrupt 5 flag. Set by hardware when a falling edge is detected on INT5 .
IE4: External Interrupt 4 flag. Set by hardware when a rising edge is detected on INT4.
IE3: External Interrupt 3 flag. Set by hardware when a falling edge is detected on INT5 .
IE2: External Interrupt 2 flag. Set by hardware when a rising edge is detected on INT2.
XT/ RG RG: Crystal/RC Oscillator Select. Setting this bit selects crystal or external clock as system
clock source. Clearing this bit selects the on-chip RC oscillator as clock source.
XTUP(STATUS.4) must be set to 1 and XTOFF (PMR.3) must be cleared before this bit can
be set. Attempts to set this bit without obeying these conditions will be ignored. This bit is set
to 1 after a power-on reset and unchanged by other forms of reset.
RGMD: RC Mode Status. This bit indicates the current clock source of microcontroller. When cleared,
CPU is operating from the external crystal or oscillator. When set, CPU is operating from the
on-chip RC oscillator. This bit is cleared to 0 after a power-on reset and unchanged by other
forms of reset.
RGSL: RC Oscillator Select. This bit selects the clock source following a resume from Power Down
Mode. Setting this bit allows device operating from RC oscillator when a resume from Power
Down Mode. When this bit is cleared, the device will hold operation until the crystal oscillator
has warmed-up following a resume from Power Down Mode. This bit is cleared to 0 after a
power-on reset and unchanged by other forms of reset.
Serial Port Control
Bit:
7
6
5
4
3
2
1
0
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
Mnemonic: SCON
Address: 98h
SM0/FE: Serial port 0, Mode 0 bit or Framing Error Flag: The SMOD0 bit in PCON SFR determines
whether this bit acts as SM0 or as FE. The operation of SM0 is described below. When used
as FE, this bit will be set to indicate an invalid stop bit. This bit must be manually cleared in
software to clear the FE condition.
SM1: Serial port Mode bit 1:
SM0 SM1 Mode Description
Length
Baud rate
0
0
0
Synchronous
8
4/12 Tclk
0
1
1
Asynchronous
10
variable
1
0
2
Asynchronous
11
64/32 Tclk
1
1
3
Asynchronous
11
variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com