Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 63 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 63 Page - Winbond

Back Button W77C32 Datasheet HTML 59Page - Winbond W77C32 Datasheet HTML 60Page - Winbond W77C32 Datasheet HTML 61Page - Winbond W77C32 Datasheet HTML 62Page - Winbond W77C32 Datasheet HTML 63Page - Winbond W77C32 Datasheet HTML 64Page - Winbond W77C32 Datasheet HTML 65Page - Winbond W77C32 Datasheet HTML 66Page - Winbond W77C32 Datasheet HTML 67Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 63 -
Revision A8
SBUF
RB8
Transmit Shift Register
Receive Shift Register
TX SHIFT
PAROUT
D8
Internal
Data Bus
Internal
Data
Bus
TXD
RXD
Serial Port
Interrupt
SMOD=
(SMOD_1)
TCLK
RCLK
SAMPLE
Write to
SBUF
TX START
SOUT
0
1
0
1
TI
1
0
PARIN
STOP
START
LOAD
CLOCK
Read
SBUF
Timer 2 Overflow
(for Serial Port 0 only)
Timer 1
Overflow
TX CLOCK
RI
SERIAL
CONTROLLER
RX CLOCK
LOAD
SBUF
RX
START
RX SHIFT
÷2
÷16
1-TO-0
DETECTOR
BIT
DETECTOR
÷16
CLOCK
SIN
D8
TB8
Figure 23: Serial Port Mode 3
Framing Error Detection
A Frame Error occurs when a valid stop bit is not detected. This could indicate incorrect serial data
communication. Typically the frame error is due to noise and contention on the serial communication
line. The W77C032 has the facility to detect such framing errors and set a flag which can be checked
by software.
The Frame Error FE(FE_1) bit is located in SCON.7(SCON1.7). This bit is normally used as SM0 in
the standard 8051 family. However, in the W77C032 it serves a dual function and is called SM0/FE
(SM0_1/FE_1). There are actually two separate flags, one for SM0 and the other for FE. The flag that
is actually accessed as SCON.7(SCON1.7) is determined by SMOD0 (PCON.6) bit. When SMOD0 is
set to 1, then the FE flag is indicated in SM0/FE. When SMOD0 is set to 0, then the SM0 flag is
indicated in SM0/FE.
The FE bit is set to 1 by hardware but must be cleared by software. Note that SMOD0 must be 1 while
reading or writing to FE or FE_1. If FE is set, then any following frames received without any error will
not clear the FE flag. The clearing has to be done by software.
Multiprocessor Communications
Multiprocessor communications makes use of the 9
th data bit in modes 2 and 3. In the W77C032, the
RI flag is set only if the received byte corresponds to the Given or Broadcast address. This hardware
feature eliminates the software overhead required in checking every received address, and greatly
simplifies the software programmer task.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com