Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 11 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 11 Page - Winbond

Back Button W77C32 Datasheet HTML 7Page - Winbond W77C32 Datasheet HTML 8Page - Winbond W77C32 Datasheet HTML 9Page - Winbond W77C32 Datasheet HTML 10Page - Winbond W77C32 Datasheet HTML 11Page - Winbond W77C32 Datasheet HTML 12Page - Winbond W77C32 Datasheet HTML 13Page - Winbond W77C32 Datasheet HTML 14Page - Winbond W77C32 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 11 -
Revision A8
Stack Pointer
Bit:
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
Mnemonic: SP
Address: 81h
The Stack Pointer stores the Scratchpad RAM address where the stack begins. In other words, it
always points to the top of the stack.
Data Pointer Low
Bit:
7
6
5
4
3
2
1
0
DPL.7
DPL.6
DPL.5
DPL.4
DPL.3
DPL.2
DPL.1
DPL.0
Mnemonic: DPL
Address: 82h
This is the low byte of the standard 8052 16-bit data pointer.
Data Pointer High
Bit:
7
6
5
4
3
2
1
0
DPH.7
DPH.6
DPH.5
DPH.4
DPH.3
DPH.2
DPH.1
DPH.0
Mnemonic: DPH
Address: 83h
This is the high byte of the standard 8052 16-bit data pointer.
Data Pointer Low1
Bit:
7
6
5
4
3
2
1
0
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
Mnemonic: DPL1
Address: 84h
This is the low byte of the new additional 16-bit data pointer that has been added to the W77C032.
The user can switch between DPL, DPH and DPL1, DPH1 simply by setting register DPS = 1. The
instructions that use DPTR will now access DPL1 and DPH1 in place of DPL and DPH. If they are not
required they can be used as conventional register locations by the user.
Data Pointer High1
Bit:
7
6
5
4
3
2
1
0
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
Mnemonic: DPH1
Address: 85h
This is the high byte of the new additional 16-bit data pointer that has been added to the W77C032.
The user can switch between DPL, DPH and DPL1, DPH1 simply by setting register DPS = 1. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com