Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 48 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 48 Page - Winbond

Back Button W77C32 Datasheet HTML 44Page - Winbond W77C32 Datasheet HTML 45Page - Winbond W77C32 Datasheet HTML 46Page - Winbond W77C32 Datasheet HTML 47Page - Winbond W77C32 Datasheet HTML 48Page - Winbond W77C32 Datasheet HTML 49Page - Winbond W77C32 Datasheet HTML 50Page - Winbond W77C32 Datasheet HTML 51Page - Winbond W77C32 Datasheet HTML 52Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
W77C32/W77C032A
- 48 -
11.2 Priority Level Structure
There are two priority levels for the interrupts, high and low. The interrupt source can be individually
set to either high or low levels. Naturally, a higher priority interrupt cannot be interrupted by a lower
priority interrupt. However there exists a pre-defined hierarchy amongst the interrupts themselves.
This hierarchy comes into play when the interrupt controller has to resolve simultaneous requests
having the same priority level. This hierarchy is defined as shown below; the interrupts are numbered
starting from the highest priority to the lowest.
Table 7. Priority structure of interrupts
SOURCE
FLAG
PRIORITY LEVEL
External Interrupt 0
IE0
1 (highest)
Timer 0 Overflow
TF0
2
External Interrupt 1
IE1
3
Timer 1 Overflow
TF1
4
Serial Port
RI + TI
5
Timer 2 Overflow
TF2 + EXF2
6
Serial Port 1
RI_1 + TI_1
7
External Interrupt 2
IE2
8
External Interrupt 3
IE3
9
External Interrupt 4
IE4
10
External Interrupt 5
IE5
11
Watchdog Timer
WDIF
12 (lowest)
The interrupt flags are sampled every machine cycle. In the same machine cycle, the sampled
interrupts are polled and their priority is resolved. If certain conditions are met then the hardware will
execute an internally generated LCALL instruction which will vector the process to the appropriate
interrupt vector address. The conditions for generating the LCALL are
1. An interrupt of equal or higher priority is not currently being serviced.
2. The current polling cycle is the last machine cycle of the instruction currently being executed.
3. The current instruction does not involve a write to IP, IE, EIP or EIE registers and is not a RETI.
If any of these conditions are not met, then the LCALL will not be generated. The polling cycle is
repeated every machine cycle, with the interrupts sampled in the same machine cycle. If an interrupt
flag is active in one cycle but not responded to, and is not active when the above conditions are met,
the denied interrupt will not be serviced. This means that active interrupts are not remembered; every
polling cycle is new.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com