Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 20 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 20 Page - Winbond

Back Button W77C32 Datasheet HTML 16Page - Winbond W77C32 Datasheet HTML 17Page - Winbond W77C32 Datasheet HTML 18Page - Winbond W77C32 Datasheet HTML 19Page - Winbond W77C32 Datasheet HTML 20Page - Winbond W77C32 Datasheet HTML 21Page - Winbond W77C32 Datasheet HTML 22Page - Winbond W77C32 Datasheet HTML 23Page - Winbond W77C32 Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
W77C32/W77C032A
- 20 -
comparison. This register enables the Automatic Address Recognition feature of the Serial
port 1. When all the bits of SADEN1 are 0, interrupt will occur for any incoming address.
Serial Port Control 1
Bit:
7
6
5
4
3
2
1
0
SM0_1/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
Mnemonic: SCON1
Address: C0h
SM0_1/FE_1: Serial port 1, Mode 0 bit or Framing Error Flag 1: The SMOD0 bit in PCON SFR
determines whether this bit acts as SM0_1 or as FE_1. the operation of SM0_1 is
described below. When used as FE_1, this bit will be set to indicate an invalid stop bit.
This bit must be manually cleared in software to clear the FE_1 condition.
SM1_1:
Serial port 1 Mode bit 1:
SM0_1 SM1_1 Mode
Description
Length
Baud rate
0
0
0
Synchronous
8
4/12 Tclk
0
1
1
Asynchronous
10
variable
1
0
2
Asynchronous
11
64/32 Tclk
1
1
3
Asynchronous
11
variable
SM2_1: Multiple processors communication. Setting this bit to 1 enables the multiprocessor
communication feature in mode 2 and 3. In mode 2 or 3, if SM2_1 is set to 1, then RI_1 will
not be activated if the received 9
th data bit (RB8_1) is 0. In mode 1, if SM2_1 = 1, then RI_1
will not be activated if a valid stop bit was not received. In mode 0, the SM2_1 bit controls the
serial port 1 clock. If set to 0, then the serial port 1 runs at a divide by 12 clock of the oscillator.
This gives compatibility with the standard 8052. When set to 1, the serial clock become divide
by 4 of the oscillator clock. This results in faster synchronous serial communication.
REN_1: Receive enable: When set to 1 serial reception is enabled, otherwise reception is
disabled.
TB8_1: This is the 9
th bit to be transmitted in modes 2 and 3. This bit is set and cleared by software as
desired.
RB8_1: In modes 2 and 3 this is the received 9
th data bit. In mode 1, if SM2_1 = 0, RB8_1 is the stop
bit that was received. In mode 0 it has no function.
TI_1:
Transmit interrupt flag: This flag is set by hardware at the end of the 8
th bit time in mode 0, or
at the beginning of the stop bit in all other modes during serial transmission. This bit must be
cleared by software.
RI_1:
Receive interrupt flag: This flag is set by hardware at the end of the 8
th bit time in mode 0, or
halfway through the stop bits time in the other modes during serial reception. However the
restrictions of SM2_1 apply to this bit. This bit can be cleared only by software
Serial Data Buffer 1
Bit:
7
6
5
4
3
2
1
0
SBUF1.7
SBUF1.6
SBUF1.5
SBUF1.4
SBUF1.3
SBUF1.2
SBUF1.1
SBUF1.0
Mnemonic: SBUF1
Address: C1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com