Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 53 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 53 Page - Winbond

Back Button W77C32 Datasheet HTML 49Page - Winbond W77C32 Datasheet HTML 50Page - Winbond W77C32 Datasheet HTML 51Page - Winbond W77C32 Datasheet HTML 52Page - Winbond W77C32 Datasheet HTML 53Page - Winbond W77C32 Datasheet HTML 54Page - Winbond W77C32 Datasheet HTML 55Page - Winbond W77C32 Datasheet HTML 56Page - Winbond W77C32 Datasheet HTML 57Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 53 -
Revision A8
1/4
1/12
T0M = CKCON.3
(T1M = CKCON.4)
C/T = TMOD.2
(C/T = TMOD.6)
Interrupt
T0 = P3.4
(T1 = P3.5)
TH0
(TH1)
TL0
(TL1)
TF0
(TF1)
TR0 = TCON.4
(TR1 = TCON.6)
GATE = TMOD.3
(GATE = TMOD.7)
INT0 = P3.2
(INT1 = P3.3)
7
0
TFx
7
0
Timer 1 functions are shown in brackets
1
0
0
1
Clock Source
Mode
input
div. by 4
osc/1
div. by 64
osc/16
div. by 1024 osc/256
Figure 12: Timer/Counter Mode 2
12.1.5 Mode 3
Mode 3 has different operating methods for the two timer/counters. For timer/counter 1, mode 3 simply
freezes the counter. Timer/Counter 0, however, configures TL0 and TH0 as two separate 8 bit count
registers in this mode. The logic for this mode is shown in the figure. TL0 uses the Timer/Counter 0
control bits C/ T , GATE, TR0, INT0 and TF0. The TL0 can be used to count clock cycles (clock/12 or
clock/4) or 1-to-0 transitions on pin T0 as determined by C/ T (TMOD.2). TH0 is forced as a clock
cycle counter (clock/12 or clock/4) and takes over the use of TR1 and TF1 from Timer/Counter 1.
Mode 3 is used in cases where an extra 8 bit timer is needed. With Timer 0 in Mode 3, Timer 1 can
still be used in Modes 0, 1 and 2., but its flexibility is somewhat limited. While its basic functionality is
maintained, it no longer has control over its overflow flag TF1 and the enable bit TR1. Timer 1 can still
be used as a timer/counter and retains the use of GATE and INT1 pin. In this condition it can be
turned on and off by switching it out of and into its own Mode 3. It can also be used as a baud rate
generator for the serial port.
1/4
1/12
T0M = CKCON.3
Interrupt
C/T = TMOD.2
T0 = P3.4
TH0
TL0
TR0 = TCON.4
GATE = TMOD.3
TR1 = TCON.6
INT0 = P3.2
7
0
TF1
7
0
Interrupt
TF0
1
0
0
1
Clock Source
Mode
input
div. by 4
osc/1
div. by 64
osc/16
div. by 1024 osc/256
Figure 13. Timer/Counter 0 Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com