Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 33 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 33 Page - Winbond

Back Button W77C32 Datasheet HTML 29Page - Winbond W77C32 Datasheet HTML 30Page - Winbond W77C32 Datasheet HTML 31Page - Winbond W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond W77C32 Datasheet HTML 35Page - Winbond W77C32 Datasheet HTML 36Page - Winbond W77C32 Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 33 -
Revision A8
Table 3. Instruction Timing for W77C032, continued
INSTRUCTION
HEX
OP-CODE
BYTES
W77C032
MACHINE
CYCLES
W77C032
CLOCK
CYCLES
8032
CLOCK
CYCLES
W77C032 VS.
8032 SPEED
RATIO
XCH A, @R0
C6
1
1
4
12
3
XCH A, @R1
C7
1
1
4
12
3
XCHD A, @R0
D6
1
1
4
12
3
XCHD A, @R1
D7
1
1
4
12
3
XCH A, direct
C5
2
2
8
12
1.5
XRL A, R0
68
1
1
4
12
3
XRL A, R1
69
1
1
4
12
3
XRL A, R2
6A
1
1
4
12
3
XRL A, R3
6B
1
1
4
12
3
XRL A, R4
6C
1
1
4
12
3
XRL A, R5
6D
1
1
4
12
3
XRL A, R6
6E
1
1
4
12
3
XRL A, R7
6F
1
1
4
12
3
XRL A, @R0
66
1
1
4
12
3
XRL A, @R1
67
1
1
4
12
3
XRL A, direct
65
2
2
8
12
1.5
XRL A, #data
64
2
2
8
12
1.5
XRL direct, A
62
2
2
8
12
1.5
XRL direct, #data
63
3
3
12
24
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com