| Electronic Components Datasheet Search |
|
W77C32 Datasheet(PDF) 38 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W77C32 Datasheet(HTML) 38 Page - Winbond |
|
38 / 78 page ![]() W77C32/W77C032A - 38 - Machine cycles in W77C032 = 12 + (15 * CNT) If CNT = 50 Clock cycles in W77C032 = (12 + (15 * 50)) * 4 = (12 + 750) * 4 = 3048 We can see that in the first program the standard 8032 takes 15720 cycles, while the W77C032 takes only 5240 cycles for the same code. In the second program, written for the W77C032, program execution requires only 3048 clock cycles. If the size of the block is increased then the saving is even greater. 8.3 External Data Memory Access Timing The timing for the MOVX instruction is another feature of the W77C032. In the standard 8032, the MOVX instruction has a fixed execution time of 2 machine cycles. However in the W77C032, the duration of the access can be varied by the user. The instruction starts off as a normal op-code fetch of 4 clocks. In the next machine cycle, the W77C032 puts out the address of the external Data Memory and the actual access occurs here. The user can change the duration of this access time by setting the STRETCH value. The Clock Control SFR (CKCON) has three bits that control the stretch value. These three bits are M2-0 (bits 2-0 of CKCON). These three bits give the user 8 different access time options. The stretch can be varied from 0 to 7, resulting in MOVX instructions that last from 2 to 9 machine cycles in length. Note that the stretching of the instruction only results in the elongation of the MOVX instruction, as if the state of the CPU was held for the desired period. There is no effect on any other instruction or its timing. By default, the Stretch value is set at 1, giving a MOVX instruction of 3 machine cycles. If desired by the user the stretch value can be set to 0 to give the fastest MOVX instruction of only 2 machine cycles. Table 4. Data Memory Cycle Stretch Values M2 M1 M0 MACHINE CYCLES RD OR WR STROBE WIDTH IN CLOCKS RD OR WR STROBE WIDTH @25 MHZ RD OR WR STROBE WIDTH @40 MHZ 0 0 0 2 2 80 nS 50 nS 0 0 1 3 (default) 4 160 nS 100 nS 0 1 0 4 8 320 nS 200 nS 0 1 1 5 12 480 nS 300 nS 1 0 0 6 16 640 nS 400 nS 1 0 1 7 20 800 nS 500 nS 1 1 0 8 24 960 nS 600 nS 1 1 1 9 28 1120 nS 700 nS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |