Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 56 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 56 Page - Winbond

Back Button W77C32 Datasheet HTML 52Page - Winbond W77C32 Datasheet HTML 53Page - Winbond W77C32 Datasheet HTML 54Page - Winbond W77C32 Datasheet HTML 55Page - Winbond W77C32 Datasheet HTML 56Page - Winbond W77C32 Datasheet HTML 57Page - Winbond W77C32 Datasheet HTML 58Page - Winbond W77C32 Datasheet HTML 59Page - Winbond W77C32 Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
W77C32/W77C032A
- 56 -
12.2.4 Baud Rate Generator Mode
The baud rate generator mode is enabled by setting either the RCLK or TCLK bits in T2CON register.
While in the baud rate generator mode, Timer/Counter 2 is a 16 bit counter with auto reload when the
count rolls over from FFFFh. However, rolling over does not set the TF2 bit. If EXEN2 bit is set, then a
negative transition of the T2EX pin will set EXF2 bit in the T2CON register and cause an interrupt
request.
C/T = T2CON.1
T2 = P1.0
T2CON.6
TR2 = T2CON.2
T2EX = P1.1
EXEN2 = T2CON.3
EXF2
Timer 2
overflow
Timer 2
Interrupt
TH2
TL2
RCAP2H
RCAP2L
0
1
Clock Source
Mode
input
div. by 4
osc/2
div. by 64
osc/32
div. by 1024 osc/512
Figure 17. Baud Rate Generator Mode
12.2.5 Programmable Clock-out
Timer 2 is equipped with a new clock-out feature which outputs a 50% duty cycle clock on P1.0. It can
be invoked as a programmable clock generator. To configure Timer 2 with clock-out mode, software
must initiate it by setting bit T2OE = 1, C/T2 = 0 and CP/RL = 0. Setting bit TR2 will start the timer.
This mode is similar to the baud rate generator mode, it will not generate an interrupt while Timer 2
overflow. So it is possible to use Timer 2 as a baud rate generator and a clock generator at the same
time. The clock-out frequency is determined by the following equation:
The Clock-out Frequency = Oscillator Frequency / [4 X (RCAP2H, RCAP2L) ]
T2CON.6
TR2 = T2CON.2
T2EX = P1.1
EXEN2 = T2CON.3
EXF2
T2=P1.0
Timer 2
Interrupt
TH2
TL2
RCAP2H
RCAP2L
Clock Source
Mode
input
div. by 4
osc/2
div. by 64
osc/32
div. by 1024 osc/512
1/2
Figure 18. Programmable Clock-Out Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com