Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 19 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 19 Page - Winbond

Back Button W77C32 Datasheet HTML 15Page - Winbond W77C32 Datasheet HTML 16Page - Winbond W77C32 Datasheet HTML 17Page - Winbond W77C32 Datasheet HTML 18Page - Winbond W77C32 Datasheet HTML 19Page - Winbond W77C32 Datasheet HTML 20Page - Winbond W77C32 Datasheet HTML 21Page - Winbond W77C32 Datasheet HTML 22Page - Winbond W77C32 Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 19 -
Revision A8
P3.7-0: General purpose I/O port. Each pin also has an alternate input or output function. The
alternate functions are described below.
P3.7 RD
Strobe for read from external RAM
P3.6
WR
Strobe for write to external RAM
P3.5 T1
Timer/counter 1 external count input
P3.4 T0
Timer/counter 0 external count input
P3.3 INT1 External interrupt 1
P3.2 INT0 External interrupt 0
P3.1 TxD
Serial port 0 output
P3.0 RxD Serial port 0 input
Interrupt Priority
Bit:
7
6
5
4
3
2
1
0
-
PS1
PT2
PS
PT1
PX1
PT0
PX0
Mnemonic: IP
Address: B8h
IP.7: This bit is un-implemented and will read high.
PS1: This bit defines the Serial port 1 interrupt priority.
PS = 1 sets it to higher priority level.
PT2: This bit defines the Timer 2 interrupt priority.
PT2 = 1 sets it to higher priority level.
PS:
This bit defines the Serial port 0 interrupt priority.
PS = 1 sets it to higher priority level.
PT1: This bit defines the Timer 1 interrupt priority.
PT1 = 1 sets it to higher priority level.
PX1: This bit defines the External interrupt 1 priority.
PX1 = 1 sets it to higher priority level.
PT0: This bit defines the Timer 0 interrupt priority.
PT0 = 1 sets it to higher priority level.
PX0: This bit defines the External interrupt 0 priority.
PX0 = 1 sets it to higher priority level.
Slave Address Mask Enable
Bit:
7
6
5
4
3
2
1
0
Mnemonic: SADEN
Address: B9h
SADEN: This register enables the Automatic Address Recognition feature of the Serial port 0. When
a bit in the SADEN is set to 1, the same bit location in SADDR will be compared with the
incoming serial data. When SADEN.n is 0, then the bit becomes a “don’t care” in the
comparison. This register enables the Automatic Address Recognition feature of the Serial
port 0. When all the bits of SADEN are 0, interrupt will occur for any incoming address.
Slave Address Mask Enable 1
Bit:
7
6
5
4
3
2
1
0
Mnemonic: SADEN1
Address: Bah
SADEN1:This register enables the Automatic Address Recognition feature of the Serial port 1. When
a bit in the SADEN1 is set to 1, the same bit location in SADDR1 will be compared with the
incoming serial data. When SADEN1.n is 0, then the bit becomes a “don’t care” in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com