Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 61 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 61 Page - Winbond

Back Button W77C32 Datasheet HTML 57Page - Winbond W77C32 Datasheet HTML 58Page - Winbond W77C32 Datasheet HTML 59Page - Winbond W77C32 Datasheet HTML 60Page - Winbond W77C32 Datasheet HTML 61Page - Winbond W77C32 Datasheet HTML 62Page - Winbond W77C32 Datasheet HTML 63Page - Winbond W77C32 Datasheet HTML 64Page - Winbond W77C32 Datasheet HTML 65Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 61 -
Revision A8
SBUF
RB8
Transmit Shift Register
Receive Shift Register
TX SHIFT
PAROUT
D8
Internal
Data Bus
Internal
Data
Bus
TXD
RXD
Serial Port
Interrupt
SMOD=
(SMOD_1)
TCLK
RCLK
SAMPLE
Write to
SBUF
TX START
SOUT
0
1
0
1
TI
1
0
PARIN
STOP
START
LOAD
CLOCK
Read
SBUF
Timer 2 Overflow
(for Serial Port 0 only)
Timer 1
Overflow
TX CLOCK
RI
SERIAL
CONTROLLER
RX CLOCK
LOAD
SBUF
RX
START
RX SHIFT

÷≠
2

÷Φ

16
1-TO-0
DETECTOR
BIT
DETECTOR

÷Φ⎧
16
CLOCK
SIN
Figure 21: Serial Port Mode
Mode 2
This mode uses a total of 11 bits in asynchronous full-duplex communication. The functional
description is shown in the figure below. The frame consists of one start bit (0), 8 data bits (LSB first),
a programmable 9
th bit (TB8) and a stop bit (0). The 9th bit received is put into RB8. The baud rate is
programmable to 1/32 or 1/64 of the oscillator frequency, which is determined by the SMOD bit in
PCON SFR. Transmission begins with a write to SBUF. The serial data is brought out on to TxD pin at
C1 following the first roll-over of the divide by 16 counter. The next bit is placed on TxD pin at C1
following the next rollover of the divide by 16 counter. Thus the transmission is synchronized to the
divide by 16 counter, and not directly to the write to SBUF signal. After all 9 bits of data are
transmitted, the stop bit is transmitted. The TI flag is set in the C1 state after the stop bit has been put
out on TxD pin. This will be at the 11
th rollover of the divide by 16 counter after a write to SBUF.
Reception is enabled only if REN is high. The serial port actually starts the receiving of serial data,
with the detection of a falling edge on the RxD pin. The 1-to-0 detector continuously monitors the RxD
line, sampling it at the rate of 16 times the selected baud rate. When a falling edge is detected, the
divide by 16 counter is immediately reset. This helps to align the bit boundaries with the rollovers of
the divide by 16 counter. The 16 states of the counter effectively divide the bit time into 16 slices. The
bit detection is done on a best of three basis. The bit detector samples the RxD pin, at the 8
th, 9th and
10
th counter states. By using a majority 2 of 3 voting system, the bit value is selected. This is done to
improve the noise rejection feature of the serial port. If the first bit detected after the falling edge of
RxD pin, is not 0, then this indicates an invalid start bit, and the reception is immediately aborted. The
serial port again looks for a falling edge in the RxD line. If a valid start bit is detected, then the rest of
the bits are also detected and shifted into the SBUF. After shifting in 9 data bits, there is one more
shift to do, after which the SBUF and RB8 are loaded and RI is set. However certain conditions must
be met before the loading and setting of RI can be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com