| Electronic Components Datasheet Search |
|
W77C32 Datasheet(PDF) 40 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W77C32 Datasheet(HTML) 40 Page - Winbond |
|
40 / 78 page ![]() W77C32/W77C032A - 40 - Next Instruction Machine Cycle Fourth Machine Cycle Third Machine Cycle Second Machine Cycle First Machine Cycle Last Cycle of Previous Instruction C4 PORT 2 PORT 0 WR PSEN ALE CLK C3 C2 D0-D7 A0-A7 D0-D7 A0-A7 D0-D7 A0-A7 D0-D7 A15-A8 A15-A8 A15-A8 A15-A8 A0-A7 C1 C4 C3 C2 C1 C4 C3 C2 C1 C4 C3 C2 C1 MOVX instruction cycle Next Inst. Read Next Inst. Address MOVX Data out MOVX Data Address MOVX Inst. Address MOVX Inst. C4 C3 C2 C1 C4 C3 C2 C1 Figure 10: Dada Memory Write with Stretch Value = 2 8.4 Wait State Control Signal Either with the software using stretch value to change the required machine cycle of MOVX instruction, the W77C032 provides another hardware signal WAIT to implement the wider duration of external data access timing. This wait state control signal is the alternate function of P4.0 such that it can only be invoked to 44-pin PLCC/QFP package type. The wait state control signal can be enabled by setting WS (ROMMAP.7) bit. When enabled, the setting of stretch value decides the minimum length of MOVX instruction cycle and the device will sample the WAIT pin at each C3 state before the rising edge of read/write strobe signal during MOVX instruction. Once this signal being recongnized, one more machine cycle (wait state cycle) will be inserted into next cycle. The inserted wait state cycles are unlimited, so the MOVX instruction cycle will end in which the wait state control signal is deactivated. Using wait state control signal allows a dynamically access timimg to a selected external peripheral. The WS bit is accessed by the Timed Access Protection procedure. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |