Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 67 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 67 Page - Winbond

Back Button W77C32 Datasheet HTML 63Page - Winbond W77C32 Datasheet HTML 64Page - Winbond W77C32 Datasheet HTML 65Page - Winbond W77C32 Datasheet HTML 66Page - Winbond W77C32 Datasheet HTML 67Page - Winbond W77C32 Datasheet HTML 68Page - Winbond W77C32 Datasheet HTML 69Page - Winbond W77C32 Datasheet HTML 70Page - Winbond W77C32 Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 67 -
Revision A8
16. ELECTRICAL CHARACTERISTICS
16.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
DC Power Supply
VDD-VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS -0.3
VDD +0.3
V
Operating Temperature
TA
0
+70
°C
Storage Temperatute
Tst
-55
+150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
16.2 D.C. Characteristics
(VDD
−VSS = 5V ±10%, TA = 25°C, Fosc = 20 MHz, unless otherwise specified.)
SPECIFICATION
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
Operating Voltage
VDD
4.5
5.5
V
Operating Current
IDD
-
50
mA
No load
VDD = RST = 5.5V
Idle Current
IIDLE
-
20
mA
Idle mode
VDD = 5.5V
Power Down Current
IPWDN
-
50
μA
Power-down mode
VDD = 5.5V
Input Current
P1, P2, P3
IIN1
-50
+10
μA
VDD = 5.5V
VIN = 0V or VDD
Input Current
RST[*1]
IIN2
-10
+300
μA
VDD = 5.5V
0 < VIN < VDD
Input Leakage Current
P0, EA
ILK
-10
+10
μA
VDD = 5.5V
0V < VIN < VDD
Logic 1 to 0 Transition
Current
P1, P2, P3
ITL[*4]
-500
-200
μA
VDD = 5.5V
VIN = 2.0V
Input Low Voltage
P0, P1, P2, P3, EA
VIL1
0
0.8
V
VDD = 4.5V
Input Low Voltage
RST[*1]
VIL2
0
0.8
V
VDD = 4.5V
Input Low Voltage
XTAL1[*3]
VIL3
0
0.8
V
VDD = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com