Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 37 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 37 Page - Winbond

Back Button W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond W77C32 Datasheet HTML 35Page - Winbond W77C32 Datasheet HTML 36Page - Winbond W77C32 Datasheet HTML 37Page - Winbond W77C32 Datasheet HTML 38Page - Winbond W77C32 Datasheet HTML 39Page - Winbond W77C32 Datasheet HTML 40Page - Winbond W77C32 Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 37 -
Revision A8
Machine Cycles of W77C032
#
MOV R2, #CNT
; Load R2 with the count value
2
MOV R3, #SL
; Save low byte of Source Address in R3
2
MOV R4, #SH
; Save high byte of Source address in R4
2
MOV R5, #DL
; Save low byte of Destination Address in R5
2
MOV R6, #DH
; Save high byte of Destination address in R6
2
LOOP:
MOV DPL, R3
; Load DPL with low byte of Source address
2
MOV DPH, R4
; Load DPH with high byte of Source address
2
MOVX A, @DPTR
; Get byte from Source to Accumulator
2
INC
DPTR
; Increment Source Address to next byte
2
MOV R3, DPL
; Save low byte of Source address in R3
2
MOV R4, DPH
; Save high byte of Source Address in R4
2
MOV DPL, R5
; Load low byte of Destination Address in DPL
2
MOV DPH, R6
; Load high byte of Destination Address in DPH
2
MOVX @DPTR, A
; Write data to destination
2
INC
DPTR
; Increment Destination Address
2
MOV DPL, R5
; Save low byte of new destination address in R5
2
MOV DPH, R6
; Save high byte of new destination address in R6
2
DJNZ R2, LOOP
; Decrement count and do LOOP again if count <> 0
2
Machine cycles in standard 8032 = 10 + (26 * CNT)
Machine cycles in W77C032 = 10 + (26 * CNT)
If CNT = 50
Clock cycles in standard 8032= ((10 + (26 *50)) * 12 = (10 + 1300) * 12 = 15720
Clock cycles in W77C032 = ((10 + (26 * 50)) * 4 = (10 + 1300) * 4 = 5240
Block Move with Two Data Pointers in W77C032:
; SH and SL are the high and low bytes of Source Address
; DH and DL are the high and low bytes of Destination Address
; CNT is the number of bytes to be moved
Machine Cycles of W77C032
#
MOV R2, #CNT
; Load R2 with the count value
2
MOV DPS, #00h
; Clear DPS to point to DPTR
2
MOV DPTR, #DHDL
; Load DPTR with Destination address
3
INC
DPS
; Set DPS to point to DPTR1
2
MOV DPTR, #SHSL
; Load DPTR1 with Source address
3
LOOP:
MOVX
A, @DPTR ; Get data from Source block
2
INC
DPTR
; Increment source address
2
DEC DPS
; Clear DPS to point to DPTR
2
MOVX
@DPTR, A ; Write data to Destination
2
INC
DPTR
; Increment destination address
2
INC
DPS
; Set DPS to point to DPTR1
2
DJNZ R2, LOOP
; Check if all done
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com