Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 57 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 57 Page - Winbond

Back Button W77C32 Datasheet HTML 53Page - Winbond W77C32 Datasheet HTML 54Page - Winbond W77C32 Datasheet HTML 55Page - Winbond W77C32 Datasheet HTML 56Page - Winbond W77C32 Datasheet HTML 57Page - Winbond W77C32 Datasheet HTML 58Page - Winbond W77C32 Datasheet HTML 59Page - Winbond W77C32 Datasheet HTML 60Page - Winbond W77C32 Datasheet HTML 61Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
W77C32/W77C032A
Publication Release Date: February 1, 2007
- 57 -
Revision A8
13. WATCHDOG TIMER
The Watchdog timer is a free-running timer which can be programmed by the user to serve as a
system monitor, a time-base generator or an event timer. It is basically a set of dividers that divide the
system clock. The divider output is selectable and determines the time-out interval. When the time-out
occurs a flag is set, which can cause an interrupt if enabled, and a system reset can also be caused if
it is enabled. The interrupt will occur if the individual interrupt enable and the global enable are set.
The interrupt and reset functions are independent of each other and may be used separately or
together depending on the users software.
16
WD1,WD0
00
01
10
11
Interrupt
Enable Watchdog timer reset
EWT(WDCON.1)
Reset Watchdog
RWT (WDCON.0)
0
17
19
20
22
23
25
Time-out
WDIF
WTRF
512 clock
delay
EWDI(EIE.4)
Clock Source
Mode
input
div. by 4
osc/1
div. by 64
osc/16
div. by 1024 osc/256
Reset
Figure 19. Watchdog Timer
The Watchdog timer should first be restarted by using RWT. This ensures that the timer starts from a
known state. The RWT bit is used to restart the watchdog timer. This bit is self clearing, i.e. after
writing a 1 to this bit the software will automatically clear it. The watchdog timer will now count clock
cycles. The time-out interval is selected by the two bits WD1 and WD0 (CKCON.7 and CKCON.6).
When the selected time-out occurs, the Watchdog interrupt flag WDIF (WDCON.3) is set. After the
time-out has occurred, the watchdog timer waits for an additional 512 clock cycles. If the Watchdog
Reset EWT (WDCON.1) is enabled, then 512 clocks after the time-out, if there is no RWT, a system
reset due to Watchdog timer will occur. This will last for two machine cycles, and the Watchdog timer
reset flag WTRF (WDCON.2) will be set. This indicates to the software that the watchdog was the
cause of the reset.
When used as a simple timer, the reset and interrupt functions are disabled. The timer will set the
WDIF flag each time the timer completes the selected time interval. The WDIF flag is polled to detect a
time-out and the RWT allows software to restart the timer. The Watchdog timer can also be used as a
very long timer. The interrupt feature is enabled in this case. Every time the time-out occurs an
interrupt will occur if the global interrupt enable EA is set.
The main use of the Watchdog timer is as a system monitor. This is important in real-time control
applications. In case of some power glitches or electro-magnetic interference, the processor may
begin to execute errant code. If this is left unchecked the entire system may crash. Using the
watchdog timer interrupt during software development will allow the user to select ideal watchdog
reset locations. The code is first written without the watchdog interrupt or reset. Then the watchdog
interrupt is enabled to identify code locations where interrupt occurs. The user can now insert
instructions to reset the watchdog timer which will allow the code to run without any watchdog timer
interrupts. Now the watchdog timer reset is enabled and the watchdog interrupt may be disabled,. If
any errant code is executed now, then the reset watchdog timer instructions will not be executed at
the required instants and watchdog reset will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com