Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 36 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 36 Page - Winbond

Back Button W77C32 Datasheet HTML 32Page - Winbond W77C32 Datasheet HTML 33Page - Winbond W77C32 Datasheet HTML 34Page - Winbond W77C32 Datasheet HTML 35Page - Winbond W77C32 Datasheet HTML 36Page - Winbond W77C32 Datasheet HTML 37Page - Winbond W77C32 Datasheet HTML 38Page - Winbond W77C32 Datasheet HTML 39Page - Winbond W77C32 Datasheet HTML 40Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
W77C32/W77C032A
- 36 -
OPERAND
OPERAND
OPERAND
OP-CODE
Address A15-8
Address A15-8
Address A15-8
Address A15-8
A7-0
A7-0
A7-0
A7-0
Operand Fetch
Operand Fetch
Operand Fetch
Operand Fetch
Instruction Fetch
C2
C1
C4
C3
C2
C1
CLK
ALE
PSEN
AD7-0
PORT 2
C4
C3
C2
C1
C4
C3
C2
C1
C4
C3
C2
C1
C4
C3
OPERAND
A7-0
Address A15-8
Figure 7: Five Cycle Instruction Timing
8.2 MOVX Instruction
The W77C032, like the standard 8032, uses the MOVX instruction to access external Data Memory.
This Data Memory includes both off-chip memory as well as memory mapped peripherals. While the
results of the MOVX instruction are the same as in the standard 8032, the operation and the timing of
the strobe signals have been modified in order to give the user much greater flexibility.
The MOVX instruction is of two types, the MOVX @Ri and MOVX @DPTR. In the MOVX @Ri, the
address of the external data comes from two sources. The lower 8-bits of the address are stored in
the Ri register of the selected working register bank. The upper 8-bits of the address come from the
port 2 SFR. In the MOVX @DPTR type, the full 16-bit address is supplied by the Data Pointer.
Since the W77C032 has two Data Pointers, DPTR and DPTR1, the user has to select between the
two by setting or clearing the DPS bit. The Data Pointer Select bit (DPS) is the LSB of the DPS SFR,
which exists at location 86h. No other bits in this SFR have any effect, and they are set to 0. When
DPS is 0, then DPTR is selected, and when set to 1, DPTR1 is selected. The user can switch between
DPTR and DPTR1 by toggling the DPS bit. The quickest way to do this is by the INC instruction. The
advantage of having two Data Pointers is most obvious while performing block move operations. The
accompanying code shows how the use of two separate Data Pointers speeds up the execution time
for code performing the same task.
Block Move with single Data Pointer:
; SH and SL are the high and low bytes of Source Address
; DH and DL are the high and low bytes of Destination Address
; CNT is the number of bytes to be moved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com