Electronic Components Datasheet Search
  English  ▼

X  

W77C32 Datasheet(PDF) 24 Page - Winbond

Part # W77C32
Description  8-BIT MICROCONTROLLER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77C32 Datasheet(HTML) 24 Page - Winbond

Back Button W77C32 Datasheet HTML 20Page - Winbond W77C32 Datasheet HTML 21Page - Winbond W77C32 Datasheet HTML 22Page - Winbond W77C32 Datasheet HTML 23Page - Winbond W77C32 Datasheet HTML 24Page - Winbond W77C32 Datasheet HTML 25Page - Winbond W77C32 Datasheet HTML 26Page - Winbond W77C32 Datasheet HTML 27Page - Winbond W77C32 Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
W77C32/W77C032A
- 24 -
T2CR:
Timer 2 Capture Reset. In the Timer 2 Capture Mode this bit enables/disables hardware
automatically reset Timer 2 while the value in TL2 and TH2 have been transferred into
the capture register.
T2OE:
Timer 2 Output Enable. This bit enables/disables the Timer 2 clock out function.
DCEN:
Down Count Enable: This bit, in conjunction with the T2EX pin, controls the direction that
timer 2 counts in 16-bit auto-reload mode.
7.2.1
Timer 2 Capture LSB
Bit:
7
6
5
4
3
2
1
0
RCAP2L.7
RCAP2L.6
RCAP2L.5
RCAP2L.4
RCAP2L.3
RCAP2L.2
RCAP2L.1
RCAP2L.0
Mnemonic: RCAP2L
Address: Cah
RCAP2L: This register is used to capture the TL2 value when a timer 2 is configured in capture mode.
RCAP2L is also used as the LSB of a 16-bit reload value when timer 2 is configured in auto-
reload mode.
Timer 2 Capture MSB
Bit:
7
6
5
4
3
2
1
0
RCAP2H.7
RCAP2H.6 RCAP2H.5
RCAP2H.4
RCAP2H.3 RCAP2H.2
RCAP2H.1
RCAP2H.0
Mnemonic: RCAP2H
Address: CBh
RCAP2H: This register is used to capture the TH2 value when a timer 2 is configured in capture
mode. RCAP2H is also used as the MSB of a 16-bit reload value when timer 2 is configured
in auto-reload mode.
Timer 2 LSB
Bit:
7
6
5
4
3
2
1
0
TL2.7
TL2.6
TL2.5
TL2.4
TL2.3
TL2.2
TL2.1
TL2.0
Mnemonic: TL2
Address: CCh
TL2: Timer 2 LSB
Timer 2 MSB
Bit:
7
6
5
4
3
2
1
0
TH2.7
TH2.6
TH2.5
TH2.4
TH2.3
TH2.2
TH2.1
TH2.0
Mnemonic: TH2
Address: CDh
TH2: Timer 2 MSB
Program Status Word
Bit:
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
F1
P
Mnemonic: PSW
Address: D0h
CY:
Carry flag: Set for an arithmetic operation which results in a carry being generated from
the ALU. It is also used as the accumulator for the bit operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com